Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA76432FC Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TA76432FC
Description  1.26-V Adjustable High-Precision Shunt Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA76432FC Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TA76432FC Datasheet HTML 1Page - Toshiba Semiconductor TA76432FC Datasheet HTML 2Page - Toshiba Semiconductor TA76432FC Datasheet HTML 3Page - Toshiba Semiconductor TA76432FC Datasheet HTML 4Page - Toshiba Semiconductor TA76432FC Datasheet HTML 5Page - Toshiba Semiconductor TA76432FC Datasheet HTML 6Page - Toshiba Semiconductor TA76432FC Datasheet HTML 7Page - Toshiba Semiconductor TA76432FC Datasheet HTML 8Page - Toshiba Semiconductor TA76432FC Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TA76432FT/FC/F/FR/S
2006-11-06
5
Electrical Characteristics
(Unless otherwise specified, Ta
= 25°C, IK = 5 mA)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reference voltage
VREF
VKA = VREF
1.242
1.26
1.278
V
Deviation of reference input voltage
over temperature
VREF (dev)
0°C <= Ta <= 85°C, VKA = VREF
3
15
mV
VREF <= VKA <= 5 V
0.5
2.5
Ratio of change in reference input
voltage to the change in cathode
voltage
ΔVREF/ΔV
5 V <= VKA <= 19 V
0.3
2.0
mV/V
Reference input current
IREF
VKA = VREF
2
4
μA
Deviation of reference input current
over temperature
IREF (dev)
0°C <= Ta <= 85°C, VKA = VREF,
R1 = 10 kΩ, R2 = ∞
0.3
1.2
μA
Minimum cathode current for
regulation
IKmin
VKA = VREF
0.2
0.5
mA
Off-State cathode current
IKoff
VKA = 19 V, VREF = 0 V
1.0
μA
Dynamic impedance
⎪ZKA
VKA = VREF, f <= 1 kHz,
0.5 mA <= IK <= 15 mA
0.2
0.5
Ω
The deviation parameters VREF (dev) and IREF (dev) are defined as the maximum variation of the VREF and IREF over the
rated temperature range.
The average temperature coefficient of the VREF is defined as:
Application Circuit Example
Error amplification circuit for the switching power supply
This circuit amplifies the difference between the switching power supply’s secondary output voltage and the shunt
regulator’s reference voltage. It then feeds the amplified voltage back to the primary input voltage via the
photocoupler.
()
C
ppm
Ta
C
@25
V
10
V
V
REF
6
(dev)
REF
REF
°
Δ
⎟⎟
⎜⎜
°
×
=
α
min
max
VREF (dev)
ΔTa
VREF
Photo-
coupler
VOUT
GND
Shunt regulator


Numéro de pièce similaire - TA76432FC

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
More results

Description similaire - TA76432FC

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432AFT TOSHIBA-TA76432AFT Datasheet
257Kb / 11P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
TA76L431FT TOSHIBA-TA76L431FT Datasheet
253Kb / 9P
   2.49-V Adjustable High-Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com