Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SB03 Fiches technique(PDF) 1 Page - Astrodyne Corporation

No de pièce SB03
Description  Isolated and Regulated 3 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SB03 Fiches technique(HTML) 1 Page - Astrodyne Corporation

  SB03 Datasheet HTML 1Page - Astrodyne Corporation SB03 Datasheet HTML 2Page - Astrodyne Corporation SB03 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 3 WATT Modular DC/DC Converters
S B 0 3 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
5 Sided EMI Shielding
Regulated Outputs
1600V Isolation
Short Circuit Protection
4:1 Input Range
Input PI Filter
Model Number
Output Voltage
Output Amps
Input Range
SINGLE OUTPUT
SB03-123.3S
3.3VDC
0.9
9-36 VDC
SB03-483.3S
0.9
18-72 VDC
SB03-125S
5 VDC
0.66
9-36 VDC
SB03-485S
0.66
18-72 VDC
SB03-1212S
12 VDC
0.33
9-36 VDC
SB03-4812S
0.33
18-72 VDC
SB03-1215S
15 VDC
0.267
9-36 VDC
SB03-4815S
0.267
18-72 VDC
SB03-1224S
24VDC
0.166
9-36 VDC
SB03-4824S
0.166
18-72 VDC
DUAL OUTPUT
SB03-125D
+/-5 VDC
+/-0.300
9-36 VDC
SB03-485D
+/-0.300
18-72 VDC
SB03-1212D
+/-12 VDC
+/-0.166
9-36 VDC
SB03-4812D
+/-0.166
18-72 VDC
SB03-1215D
+/-15 VDC
+/-0.133
9-36 VDC
SB03-4815D
+/-0.133
18-72 VDC
Unit measures 0.8”W x 1.25”L x 0.4”H
Order On-Line!
astrodyne.com


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn