Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SL0322101 Fiches technique(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

No de pièce SL0322101
Description  3111 N. Deer Run Road #4 Carson City, NV 89701
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMETHERM [AMETHERM Circuit Protection Thermistors]
Site Internet  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL0322101 Fiches technique(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL0322101 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL03 22101
Electrical Specifications:
Mechanical Specifications:
Resistance Temperature Curve:
Revision Date: March 19, 2003
Resistance @ 25°C
220.0
Ω ± 20%
Resistance @ 0°C/ Resistance @ 50°C
5.30
± 1%
Resistance @ 25°C/ Resistance @ 125°C
13.2
± 2%
Beta
3150
± 2%
Max Steady State Current Up to 65
°C
1.0 A
Max Recommended Energy Rating (Joules)
2.0 J
Max “ON” Resistance @ 1.0 Amp
2.2
Max Recommended Capacitance @ 120VAC
100
µF
D
3.0 mm Max
T
3.0 mm Max
Lead Diameter
0.5 mm Nom
S
4.0 mm Nom
L
38.0 mm Min
Straight Leads
Standard
Temperature
R@T/R@25°C
-50 °C
26.32
-40 °C
15.41
-30 °C
9.359
-20 °C
5.869
-10 °C
3.796
0 °C
2.519
25 °C
1.000
50 °C
0.4508
75 °C
0.2257
100 °C
0.1230
125 °C
0.07110
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


Html Pages

1 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SL0310001 3111 N. Deer Run Road #4 Carson City NV 89701 1  AMETHERM Circuit Protection Thermistors
SL0310101 3111 N. Deer Run Road #4 Carson City NV 89701 1  AMETHERM Circuit Protection Thermistors
SL0312001 3111 N. Deer Run Road #4 Carson City NV 89701 1  AMETHERM Circuit Protection Thermistors
SL0312101 3111 N. Deer Run Road #4 Carson City NV 89701 1  AMETHERM Circuit Protection Thermistors
SL0316001 3111 N. Deer Run Road #4 Carson City NV 89701 1  AMETHERM Circuit Protection Thermistors
SL0320001 3111 N. Deer Run Road #4 Carson City NV 89701 1  AMETHERM Circuit Protection Thermistors
MRC370V2 MOTOR RUN AC METALLIZED 1  2  NTE Electronics
B32320 AC Film Capacitors Motor Run 1  2  3  4  5  More EPCOS
B32321 AC Film Capacitors Motor Run UL Series - Construction Only 1  2  3  4  5  More EPCOS
B32324 AC Film Capacitors Motor Run 1  2  3  4  5  More EPCOS

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn