Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SL0316001 Datasheet(Fiches technique) 1 Page - AMETHERM Circuit Protection Thermistors

Numéro de pièce SL0316001
Description  3111 N. Deer Run Road #4 Carson City, NV 89701
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AMETHERM [AMETHERM Circuit Protection Thermistors]
Site Internet  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL0316001 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL0316001 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL03 16001
Electrical Specifications:
Mechanical Specifications:
Resistance Temperature Curve:
Revision Date: March 19, 2003
Resistance @ 25°C
16.0
Ω ± 20%
Resistance @ 0°C/ Resistance @ 50°C
4.95
± 1%
Resistance @ 25°C/ Resistance @ 125°C
12.8
± 2%
Beta
2700
± 2%
Maximum Steady State Current
1.0 A
Maximum ON Resistance @ 1.0 amp
1.10
Maximum Instantaneous Energy
2.0 J
D
3.0 mm Max
T
3.0 mm Max
Lead Diameter
0.5 mm Nom
S
4.0 mm Nom
L
38.0 mm Min
Straight Leads
Standard
Temperature
R@T/R@25
°C
-50 °C
22.20
-40 °C
13.13
-30 °C
8.11
-20 °C
5.19
-10 °C
3.43
0 °C
2.34
25 °C
1.000
50 °C
0.4860
75 °C
0.2659
100 °C
0.1522
125 °C
0.0984
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


Html Pages

1 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SL03100013111 N. Deer Run Road #4 Carson City NV 89701 1 AMETHERM Circuit Protection Thermistors
SL03101013111 N. Deer Run Road #4 Carson City NV 89701 1 AMETHERM Circuit Protection Thermistors
SL03120013111 N. Deer Run Road #4 Carson City NV 89701 1 AMETHERM Circuit Protection Thermistors
SL03121013111 N. Deer Run Road #4 Carson City NV 89701 1 AMETHERM Circuit Protection Thermistors
MRC370V2MOTOR RUN AC METALLIZED 1 2 NTE Electronics
B32320AC Film Capacitors Motor Run 1 2 3 4 5 MoreEPCOS
B32321AC Film Capacitors Motor Run UL Series - Construction Only 1 2 3 4 5 MoreEPCOS
B32324AC Film Capacitors Motor Run 1 2 3 4 5 MoreEPCOS
B32327AC Film Capacitors Motor Run 1 2 3 4 5 MoreEPCOS
B32328AC Film Capacitors Motor Run 1 2 3 4 5 MoreEPCOS

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn