Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RS-50 Fiches technique(PDF) 2 Page - Astrodyne Corporation

No de pièce RS-50
Description  50W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

RS-50 Fiches technique(HTML) 2 Page - Astrodyne Corporation

  RS-50 Datasheet HTML 1Page - Astrodyne Corporation RS-50 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
r s - 5 0 series
50W Single Output Switching Power Supply
300 Myles standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTrODYNE.COM
Mechanical�Specification
Case�No.�905B�����Unit:mm
File�Name:RS-50-SPEC���2005-09-13
AMBIENT�TEMPERATURE�(
)
-25
-25
0
0
20
10
30
40
20
40
80
60
100
60
50
70
Output�Derating�VS�Input�Voltage
INPUT�VOLTAGE�(VAC)�60Hz
88
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
1
2
4
3
5
Assignment
Assignment
DC�OUTPUT -V
DC�OUTPUT +V
FG
AC/L
AC/N
5
4
3
2
1
5.5
74
18
6.5
87
99
89
4.5
55
20.5
3.5
3.5
3.5
2-M
3
(VERTICAL)
Output�Derating
50W�Single�Output�Switching�Power�Supply
R S - 5 0 series


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
LPS-50 50W Single Output Switching Power Supply 1  2  Astrodyne Corporation
AS-150 150W Single Output Switching Power Supply 1  2  Astrodyne Corporation
AS-320 320W Single Output Switching Power Supply 1  2  Astrodyne Corporation
PS-25 25W Single Output Switching Power Supply 1  2  3  4  5  More Astrodyne Corporation
RS-25 25W Single Output Switching Power Supply 1  2  Astrodyne Corporation
RD-50 50W Dual Output Switching Power Supply 1  2  Astrodyne Corporation
AS-60 60W Single Output Switching Power Supply 1  2  3  4  5  More Astrodyne Corporation
PS-45 45W Single Output Switching Power Supply 1  2  3  4  5  More Astrodyne Corporation
RS-35 35W Single Output Switching Power Supply 1  2  Astrodyne Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn