Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD-2505 Fiches technique(PDF) 6 Page - Astrodyne Corporation

No de pièce PD-2505
Description  25W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PD-2505 Fiches technique(HTML) 6 Page - Astrodyne Corporation

  PD-2505 Datasheet HTML 1Page - Astrodyne Corporation PD-2505 Datasheet HTML 2Page - Astrodyne Corporation PD-2505 Datasheet HTML 3Page - Astrodyne Corporation PD-2505 Datasheet HTML 4Page - Astrodyne Corporation PD-2505 Datasheet HTML 5Page - Astrodyne Corporation PD-2505 Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
p D - 2 5 0 3
25W Dual Output with 3.3V output
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
FileName:PD-2503-SPEC2004-12-01
Unit:mm
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
(VERTICAL)
MechanicalSpecification
OutputDerating
-10
-10
0
0
10
20
30
40
50
45
60
70
55
65
20
40
60
80
100
DC�Output�Connector�(CN2)�:�Molex�41791-04�or�equivalent
Pin�No.
1
2,3
4
Assignment
+5V
COM
+3.3V
Mating�Housing
Molex�2139
or�equivalent
Terminal
Molex�2478
or�equivalent
AC�Input�Connector�(CN1)�:�Molex�41791-03��or�equivalent
Pin�No.
1
2
3
Assignment
AC/L
No�Pin
AC/N
Mating�Housing
Molex�2139
Molex�2478
or�equivalent
or�equivalent
Terminal
PWM
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V2
+V1
COM
I/P
FG
ING
CONTROL
200
80
2.1
60
2.7
3.3
3.9
4.5
140
100
120
180
160
5.1
5.7
260
240
220
20
40
+5V
+5V
+3.3V
+3.3V
60
80
100
120
140
Ta=25
Mounting�Holes
4-3.5�Dia
To�Chassis�Grounding
6.35
94
107
CN1
CN2
1
2
3
4
3
2
1
BlockDiagram
fosc�:�100KHz
StaticCharacteristics
25W�Dual�Output�Switching�Power�Supply
P D - 2 5 0 3


Numéro de pièce similaire - PD-2505

FabricantNo de pièceFiches techniqueDescription
logo
Mean Well Enterprises C...
PD-2505 MEANWELL-PD-2505 Datasheet
418Kb / 2P
   25W Dual Output Switching Power Supply
logo
XP Power Limited
PD-2505 XPPOWER-PD-2505 Datasheet
838Kb / 4P
   25W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
PD-2505 RSG-PD-2505 Datasheet
221Kb / 2P
   25W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-2505 MEANWELL-PD-2505 Datasheet
421Kb / 2P
   25W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD-2505 ASTRODYNE-PD-2505 Datasheet
600Kb / 4P
   25W Dual Output Switching Power Supply
More results

Description similaire - PD-2505

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-3.3 XPPOWER-PS-25-3.3 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
PS-25 TOTAL-POWER-PS-25 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-25 MEANWELL-EPS-25 Datasheet
195Kb / 2P
   25W Single Output Switching Power Supply
APC-25 MEANWELL-APC-25 Datasheet
73Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS25 ASTRODYNE-PS25 Datasheet
321Kb / 4P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com