Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS-65 Fiches technique(PDF) 6 Page - Astrodyne Corporation

No de pièce PS-65
Description  65W Single Output Switching Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PS-65 Fiches technique(HTML) 6 Page - Astrodyne Corporation

  PS-65 Datasheet HTML 1Page - Astrodyne Corporation PS-65 Datasheet HTML 2Page - Astrodyne Corporation PS-65 Datasheet HTML 3Page - Astrodyne Corporation PS-65 Datasheet HTML 4Page - Astrodyne Corporation PS-65 Datasheet HTML 5Page - Astrodyne Corporation PS-65 Datasheet HTML 6Page - Astrodyne Corporation PS-65 Datasheet HTML 7Page - Astrodyne Corporation PS-65 Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
p T- 6 5 series
65W Triple Output Switching Power Supply
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
File�Name:PT-65-SPEC���2005-09-13
Unit:mm
fosc�:�65KHz
Block�Diagram
Mechanical�Specification
Static�Characteristics�(B)
Output�Derating
AMBIENT�TEMPERATURE�(
)
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
INPUT�VOLTAGE�(V)�60Hz
60
80
100
120
140
160
180
200
220
240
260
300
250
200
150
100
50
25
Ta=25
12
6
8
7
11
10
9
4.8
5.0
5.2
4.4
4.6
4.2
4.0
O.V.P.
CONTROL
ING
COM
+5V
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FILTER
FILTER
&
&
RECTIFIERS
RECTIFIERS
V2
V3
FG
I/P
FILTER
EMI
DC�Output�Connector�(CN2)�:�Molex�5273-06�or�equivalent
Pin�No.
1
2,3
4,5
6
PIN2:+5V�����PIN3,4,5:COM�only�for�PT-65D
Assignment
V2
+5V
COM
V3
Mating�Housing
Molex�5195
or�equivalent
Terminal
Molex�5194
or�equivalent
AC�Input�Connector�(CN1)�:�Molex�5277-02��or�equivalent
Pin�No.
1
2
Assignment
Mating�Housing
Molex�5195
Molex�5194
or�equivalent
or�equivalent
Terminal
AC/N
AC/L
FG
5.6
2
1
5
6
115.8
127
CN1
CN2
4
3
2
1
M1
M2
AC��FUSE
F4A/250V
12V
+5V
+12V
-12V
+5V
65W Triple�Output�Switching�Power�Supply
P T- 6 5 series


Numéro de pièce similaire - PS-65

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
PS-65 ETC2-PS-65 Datasheet
103Kb / 2P
   SWITCHING POWER SUPPLY
logo
Mean Well Enterprises C...
PS-65 MEANWELL-PS-65 Datasheet
426Kb / 2P
   65W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PS-65 RSG-PS-65 Datasheet
121Kb / 2P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-65 MEANWELL-PS-65 Datasheet
429Kb / 2P
   65W Single Output Switching Power Supply
logo
List of Unclassifed Man...
PS-65-12 ETC2-PS-65-12 Datasheet
103Kb / 2P
   SWITCHING POWER SUPPLY
More results

Description similaire - PS-65

FabricantNo de pièceFiches techniqueDescription
logo
RSG Electronic Componen...
PS-65 RSG-PS-65 Datasheet
121Kb / 2P
   65W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS65 ASTRODYNE-PS65 Datasheet
323Kb / 4P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-65 MEANWELL-PS-65_11 Datasheet
429Kb / 2P
   65W Single Output Switching Power Supply
EPS-65 MEANWELL-EPS-65_11 Datasheet
560Kb / 3P
   65W Single Output Switching Power Supply
PS-65 MEANWELL-PS-65 Datasheet
426Kb / 2P
   65W Single Output Switching Power Supply
EPS-65 MEANWELL-EPS-65_12 Datasheet
1Mb / 3P
   65W Single Output Switching Power Supply
EPS-65S MEANWELL-EPS-65S Datasheet
96Kb / 4P
   65W Single Output Switching Power Supply
logo
Total Power Internation...
RQ-65 TOTAL-POWER-RQ-65 Datasheet
332Kb / 2P
   65W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
   65W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com