Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MKC03 Fiches technique(PDF) 1 Page - Astrodyne Corporation

No de pièce MKC03
Description  Isolated and Regulated 3 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MKC03 Fiches technique(HTML) 1 Page - Astrodyne Corporation

  MKC03 Datasheet HTML 1Page - Astrodyne Corporation MKC03 Datasheet HTML 2Page - Astrodyne Corporation MKC03 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 3 WATT Modular DC/DC Converters
M K C 0 3 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Wide 2 : 1 Input Range
PI Input Filter
Regulated Outputs
500V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output mAmps
Input Range
Efficiency
SINGLE OUTPUT
MKC03-12S05
5 VDC
500
9-18 VDC
77%
MKC03-24S05
500
18-36 VDC
74%
MKC03-48S05
500
36-72 VDC
74%
MKC03-12S12
12 VDC
250
9-18 VDC
80%
MKC03-24S12
250
18-36 VDC
78%
MKC03-48S12
250
36-72 VDC
78%
MKC03-12S15
15 VDC
200
9-18 VDC
80%
MKC03-24S15
200
18-36 VDC
79%
MKC03-48S15
200
36-72 VDC
80%
DUAL OUTPUT
MKC03-12D05
+/-5 VDC
+/-250
9-18 VDC
76%
MKC03-24D05
+/-250
18-36 VDC
74%
MKC03-48D05
+/-250
36-72 VDC
74%
MKC03-12D12
+/-12 VDC
+/-125
9-18 VDC
80%
MKC03-24D12
+/-125
18-36 VDC
78%
MKC03-48D12
+/-125
36-72 VDC
77%
MKC03-12D15
+/-15 VDC
+/-100
9-18 VDC
80%
MKC03-24D15
+/-100
18-36 VDC
78%
MKC03-48D15
+/-100
36-72 VDC
77%
Unit measures 0.8”W x 1.25”L x 0.4”H
Order On-Line!
astrodyne.com


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
ASD105 Isolated and Regulated 1.5 WATT Modular DC/DC Converters 1  2  3  Astrodyne Corporation
ASD705 Isolated and Regulated 7.5 WATT Modular DC/DC Converters 1  2  3  Astrodyne Corporation
VKC03 Isolated and Regulated 3 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
SU20 Isolated and Regulated 20 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
ASD03 Isolated and Regulated 3 WATT Modular DC/DC Converters 1  2  3  Astrodyne Corporation
DR1P5 Isolated and Regulated 1.5 WATT Modular DC/DC Converters 1  2  3  Astrodyne Corporation
ASD05 Isolated and Regulated 5 WATT Modular DC/DC Converters 1  2  3  Astrodyne Corporation
ASD06 Isolated and Regulated 5-6 WATT Modular DC/DC Converters 1  2  3  Astrodyne Corporation
ASD07 Isolated and Regulated 7 WATT Modular DC/DC Converters 1  2  3  Astrodyne Corporation
ASD15 Isolated and Regulated 15 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn