Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESCC-0102 Fiches technique(PDF) 2 Page - Astrodyne Corporation

No de pièce ESCC-0102
Description  10W Ultraminiature Encapsulated Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCC-0102 Fiches technique(HTML) 2 Page - Astrodyne Corporation

  ESCC-0102 Datasheet HTML 1Page - Astrodyne Corporation ESCC-0102 Datasheet HTML 2Page - Astrodyne Corporation ESCC-0102 Datasheet HTML 3Page - Astrodyne Corporation ESCC-0102 Datasheet HTML 4Page - Astrodyne Corporation ESCC-0102 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
10W Ultraminiature Medical Grade Encapsulated Switchers
E M A - 1 0 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
Universal 85-265VAC Input
High Efficiency
Improved EMI Performance
4000V Isolation
Single and Dual Outputs
Model Number
Output Voltage
Output Amps(max)
(pk)
SINGLE OUTPUT - PCB Mount
ESMA-0100
3.3 VDC
2.5A
3.3A
ESMA-0101
5 VDC
2A
2.6A
ESMA-0122
9 VDC
1.1A
1.5A
ESMA-0102
12 VDC
0.85A
1.2A
ESMA-0103
15VDC
0.67A
0.9A
ESMA-0105
24VDC
0.42A
0.6A
SINGLE OUTPUT - Chassis Mount
ESMC-0100
3.3 VDC
2.5A
3.3A
ESMC-0101
5 VDC
2A
2.6A
ESMC-0122
9 VDC
1.1A
1.5A
ESMC-0102
12 VDC
0.85A
1.2A
ESMC-0103
15VDC
0.67A
0.9A
ESMC-0105
24VDC
0.42A
0.6A
SINGLE OUTPUT - DIN Rail Mount
ESMC-0100/DRL
3.3 VDC
2.5A
3.3A
ESMC-0101/DRL
5 VDC
2A
2.6A
ESMC-0122/DRL
9 VDC
1.1A
1.5A
ESMC-0102/DRL
12 VDC
0.85A
1.2A
ESMC-0103/DRL
15VDC
0.67A
0.9A
ESMC-0105/DRL
24VDC
0.42A
0.6A
DUAL OUTPUT - PCB Mount
EDMA-0106
+/-12VDC
+/-0.42A
+/-0.6A
EDMA-0107
+/-15VDC
+/-0.34A
+/-0.45A
DUAL OUTPUT - Chassis Mount
EDMC-0106
+/-12VDC
+/-0.42A
+/-0.6A
EDMC-0107
+/-15VDC
+/-0.34A
+/-0.45A
DUAL OUTPUT - DIN Rail Mount
EDMC-0106/DRL
+/-12VDC
+/-0.42A
+/-0.6A
EDMC-0107/DRL
+/-15VDC
+/-0.34A
+/-0.45A


Numéro de pièce similaire - ESCC-0102

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
ESCC-1500 ASTRODYNE-ESCC-1500 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
ESCC-1500DRL ASTRODYNE-ESCC-1500DRL Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
ESCC-1501 ASTRODYNE-ESCC-1501 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
ESCC-1501DRL ASTRODYNE-ESCC-1501DRL Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
ESCC-1502 ASTRODYNE-ESCC-1502 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
More results

Description similaire - ESCC-0102

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com