Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA2170FTG Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TA2170FTG
Description  Low Current Consumption Headphone Amplifier (Built-in input selector)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2170FTG Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TA2170FTG Datasheet HTML 1Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 2Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 3Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 4Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 5Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 6Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 7Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 8Page - Toshiba Semiconductor TA2170FTG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TA2170FTG
2006-04-19
4
Pin No. and Name
Function
Internal Circuit
Pin
Voltage
(V)
13
MUTE1
Mute switch of buffer amplifier 1
Mute ON : L level
Mute OFF: H level
Refer to application note 4.
14
MUTE1A
Mute switch of buffer amplifier 1A
Mute ON : L level
Mute OFF: H level
this switch is used when it turn on
A channel mutes of a buffer
amplifier 1.
Refer to application note 4.
15
MUTE2
Mute switch of buffer amplifier 2
Mute ON : L level
Mute OFF: H level
Refer to application note 4.
16
MUTE3
Mute switch of buffer amplifier 3
Mute ON : L level
Mute OFF: H level
Refer to application note 4.
17
ALL MUTE
All mute switch
Mute ON : L level
Mute OFF: H level
Refer to application note 4.
18
PW SW
Power switch
IC ON : H level
IC OFF: L level
Refer to application note 4.
3
19
RF IN
Ripple filter input
2.7
21
VCC1
VCC for everything other than
power drive stage
3
22
BIAS OUT
Bias circuit output
1.15
23
BIAS IN
Bias circuit input
1.15
24
OUT ADJ
DC output voltage adjustment
Either connect this pin or leave it
open depending on the level of
VCC2.
If the power supply of a 1.5 V
system is applied to VCC2,
connect this pin to BIAS IN
(pin14)
If the power supply of a 3 V
system is applied to VCC2, leave
this pin open.
1.85
20
GND
0
VCC
10 k
17
20 k
VCC1
100 k
18
VCC2
VCC1
22
21
24
19
23
10 k
13


Numéro de pièce similaire - TA2170FTG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2170FLG TOSHIBA-TA2170FLG Datasheet
231Kb / 13P
   Low Current Consumption Headphone Amplifier (Built-in Input Selector)
More results

Description similaire - TA2170FTG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2170FLG TOSHIBA-TA2170FLG Datasheet
231Kb / 13P
   Low Current Consumption Headphone Amplifier (Built-in Input Selector)
logo
Asahi Kasei Microsystem...
AKD4665A-A AKM-AKD4665A-A Datasheet
880Kb / 39P
   20bit CODEC with built-in Input PGA and Headphone Amplifier
logo
Toshiba Semiconductor
TA2160FNG TOSHIBA-TA2160FNG Datasheet
275Kb / 17P
   Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2131FLG TOSHIBA-TA2131FLG Datasheet
438Kb / 21P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost
logo
Rohm
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
logo
Toshiba Semiconductor
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
TA2131FNG TOSHIBA-TA2131FNG Datasheet
412Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
TA2131FN TOSHIBA-TA2131FN Datasheet
280Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com