Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA2170FLG Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TA2170FLG
Description  Low Current Consumption Headphone Amplifier (Built-in Input Selector)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2170FLG Fiches technique(HTML) 7 Page - Toshiba Semiconductor

Back Button TA2170FLG Datasheet HTML 3Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 4Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 5Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 6Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 7Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 8Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 9Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 10Page - Toshiba Semiconductor TA2170FLG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TA2170FLG
2006-04-19
7
3.
Adjustment of DC output voltage
Perform the following with the OUT ADJ pin (pin 13) using the power supply of VCC1 and VCC2:
• If a boost voltage is applied to VCC1, VCC2 is connected to a battery and the difference between VCC1
and VCC2 is greater than or equal to 0.7 V, short pins 13 and 14 together. In this case the DC output
voltage will be as follows:
2
VCC2 .
• If the difference between VCC1 and VCC2 is less than 0.7 V, or if VCC1 and VCC2 are connected to the
same power supply, leave pin 13 open.
In these cases, the DC output voltage will be
2
V
0.7
VCC2
.
4.
Switch
(1)
Timing chart
Refer to Figure 2 for the IC timing chart.
(2)
PW SW
The device is ON when this pin is set to High. To prevent the IC being turned ON by external noise, it
is necessary to connect an external pull-down resistor to the PW SW pin. The pin is highly sensitive.
(3)
Mute smoothing
Ensure that the smoothing resistor used for the mute pin is 100 k
Ω or less. The switch circuit will
not operate normally if the value is greater than this.
200 ms
100 ms
OFF
ON
ON
OFF
ON
OFF
OUT
MUTE
ALL MUTE
PW SW
Figure 2. Timing Chart


Numéro de pièce similaire - TA2170FLG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2170FTG TOSHIBA-TA2170FTG Datasheet
229Kb / 12P
   Low Current Consumption Headphone Amplifier (Built-in input selector)
More results

Description similaire - TA2170FLG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2170FTG TOSHIBA-TA2170FTG Datasheet
229Kb / 12P
   Low Current Consumption Headphone Amplifier (Built-in input selector)
logo
Asahi Kasei Microsystem...
AKD4665A-A AKM-AKD4665A-A Datasheet
880Kb / 39P
   20bit CODEC with built-in Input PGA and Headphone Amplifier
logo
Toshiba Semiconductor
TA2160FNG TOSHIBA-TA2160FNG Datasheet
275Kb / 17P
   Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2131FLG TOSHIBA-TA2131FLG Datasheet
438Kb / 21P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost
logo
Rohm
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
logo
Toshiba Semiconductor
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
TA2131FNG TOSHIBA-TA2131FNG Datasheet
412Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
TA2131FN TOSHIBA-TA2131FN Datasheet
280Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com