Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA2160FNG Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TA2160FNG
Description  Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2160FNG Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TA2160FNG Datasheet HTML 1Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 2Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 3Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 4Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 5Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 6Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 7Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 8Page - Toshiba Semiconductor TA2160FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TA2160FNG
2004-05-11
4
Terminal
No.
Name
Function
Internal Circuit
Termin
al
Voltage
(V)
8
PW INA
11
PW INB
Input of power amplifier
(This terminal also has function of
ADD amplifier input.)
0.73
9
PW NFA
10
PW NFB
NF of power amplifier
0.72
13
PRE MUTE
Muting switch of preamplifier
PRE MUTE ON: H level
PRE MUTE OFF: L level
Refer to application note 3 (2)
14
AGC DET
Smoothing terminal of boost AGC circuit
15
PW GND
Power GND for power drive stage
0
16
VCC
1.3
25
BASE
Base biasing terminal of transistor for
ripple filter
0.6
26
RF OUT
Output of ripple filter
Ripple filter circuit supplies internal
circuit except power drive stage with
power source
1.24
28
RF IN
Ripple filter terminal
1.24
14
47 k
13
To BST
SW
30 k
9
2 k
22 k
22 k
To ADD amplifier
VREF
VREF
19
8
10 pF
28
25
26
16
RF OUT
VCC


Numéro de pièce similaire - TA2160FNG

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2160A TAI-SAW-TA2160A Datasheet
810Kb / 9P
   SAW Filter 1250MHz
logo
Transko Electronics, In...
TA2160AM TRANSKO-TA2160AM Datasheet
425Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: June 2005
TA2160CM TRANSKO-TA2160CM Datasheet
343Kb / 3P
   Wireless, RF SAW Filter
Revision 0: September 2007
TA2160DM TRANSKO-TA2160DM Datasheet
449Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
TA2160EM TRANSKO-TA2160EM Datasheet
426Kb / 4P
   Wireless, RF SAW Filter
Revision 0: October 2008
More results

Description similaire - TA2160FNG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
   STEREO HEADPHONE AMPLIFIER (3V USE)
logo
Sanyo Semicon Device
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Sanyo Semicon Device
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com