Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA2145AFG Fiches technique(PDF) 10 Page - Toshiba Semiconductor

No de pièce TA2145AFG
Description  3 V Stereo Headphone Amplifier (3 V USE)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2145AFG Fiches technique(HTML) 10 Page - Toshiba Semiconductor

Back Button TA2145AFG Datasheet HTML 6Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 7Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 8Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 9Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 10Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 11Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 12Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 13Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TA2145AFG
2006-04-19
10
Characteristic Curves (Unless otherwise specified, VCC = 3 V, Ta = 25°C, f = 1 kHz,
Preamplifier:
Rg = 2.2 kΩ, RL = 10 kΩ
Power amplifier: Rg = 600 Ω, RL = 16 Ω, Vol. = max
Motor governor: Im = 100 mA)
Supply voltage
VCC (V)
ICCQ, ICC – VCC
Supply voltage
VCC (V)
VO (DC) – VCC
Frequency
f
(Hz)
PRE
GVO, GVC – f
Frequency
f
(Hz)
PRE
CT – f
Supply voltage
VCC (V)
PRE
Vom – VCC
Output voltage
Vo (mVrms)
PRE
THD – Vo
ICCQ1 (PRE + PW, Vol.: min)
0
1.5
2.0
2.5
3.5
4.0
3.0
12
0
4
16
8
ICCQ2 (PW only, Vol.: min)
ICC (GVN: Im = 0)
0
1.5
2.0
2.5
3.5
4.0
3.0
1.5
0
0.5
2.5
1.0
2.0
VREF, PW OUT, PRE OUT
10
100
1 k
100 k
10 k
60
0
20
100
40
80
Vo = −10dBV
GVO
GVC
10
100
1 k
100 k
10 k
60
80
70
40
50
Vo = −10dBV
0
1.5
2.0
2.5
3.5
4.0
3.0
500
100
1000
200
THD
= 1%
f = 10 kHz
f = 100 Hz
f = 1 kHz
1
10
100
10000
1000
1
0.01
0.03
10
3
3
0.1


Numéro de pièce similaire - TA2145AFG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2145AF TOSHIBA-TA2145AF Datasheet
282Kb / 16P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Description similaire - TA2145AFG

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2160FNG TOSHIBA-TA2160FNG Datasheet
275Kb / 17P
   Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
logo
Sanyo Semicon Device
LA4582CM SANYO-LA4582CM Datasheet
143Kb / 6P
   Pre Power Amplifier for 3-V Headphone Stereo Systems
LA4585M SANYO-LA4585M Datasheet
131Kb / 5P
   3-V Preamplifier Power Amplifier for Headphone Stereo Products
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com