Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1384FNG Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TA1384FNG
Description  Mixer/Oscillator and PLL IC for TV/VCR Tuner
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1384FNG Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TA1384FNG Datasheet HTML 1Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 2Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 3Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 4Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 5Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 6Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 7Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 8Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TA1384FNG
2004/11/24
1
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT
SILICON MONOLITHIC
TA1384FNG
Mixer/Oscillator and PLL IC for TV/VCR Tuner
The TA1384FNG is a tuner IC for TV and VCR applications that
integrates a PLL block and mixer, oscillator and IF amplifier on a
single chip.
The control data of the PLL block conforms to I²C-bus formats.
Small flat package: SSOP24 (0.65 mm pitch)
Features
Vcc: 5V(typ.)
Two-band mixer
Two-band oscillator
IF output driver
Asymmetrical IF output
I²C bus format control
33-V high voltage tuning amplifier built-in
Four-bit bandswitch drive transistor
Frequency steps: 31.25 kHz, 50 kHz, 62.5 kHz (when a 4 MHz crystal is used)
Four-programmable chip address
Power on reset circuit
Automatic changeover between 1/4 and 1/2 prescaler through data input
Package: Pb-free
Power on reset status
Frequency step: 62.5 kHz
Charge pump current: Low
Counter data: ALL [ 0 ]
Band driver: OFF
Tuning amplifier: OFF (Charge pump = sink mode)
Local oscillator and mixer: UHF mode
Note 1: This device is sensitive to surge voltage and electrostatic discharge. Handle with care.
Weight: 0.09 g (typ.)


Numéro de pièce similaire - TA1384FNG

FabricantNo de pièceFiches techniqueDescription
logo
Pico Technology Ltd.
TA138 PICO-TA138 Datasheet
6Mb / 9P
   Current data logger
logo
TAI-SAW TECHNOLOGY CO.,...
TA1381A TAI-SAW-TA1381A Datasheet
376Kb / 8P
   SAW Filter 978 MHz
logo
Toshiba Semiconductor
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
TAI-SAW TECHNOLOGY CO.,...
TA1386A TAI-SAW-TA1386A Datasheet
460Kb / 8P
   SAW Filter 826.5 MHz
logo
Golledge Electronics Lt...
TA1386A GOLLEDGE-TA1386A Datasheet
167Kb / 6P
   SAW Filter 826.50MHz
More results

Description similaire - TA1384FNG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
logo
New Japan Radio
NJM2540 NJRC-NJM2540 Datasheet
122Kb / 8P
   Mixer and Oscillator for TV Tuner
NJM2531A NJRC-NJM2531A Datasheet
113Kb / 8P
   Mixer and Oscillator for TV Tuner
logo
Texas Instruments
SN761672ADAR TI-SN761672ADAR Datasheet
258Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
SN761672A TI-SN761672A Datasheet
268Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
logo
NXP Semiconductors
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com