Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1360ANG Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TA1360ANG
Description  YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1360ANG Fiches technique(HTML) 7 Page - Toshiba Semiconductor

Back Button TA1360ANG Datasheet HTML 3Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 4Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 5Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 6Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 7Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 8Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 9Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 10Page - Toshiba Semiconductor TA1360ANG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
TA1360ANG
2005-08-18
7
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
22
H-FREQ SW2
Switches horizontal frequency
(Switch 2).
Leave this pin open when
horizontal frequency is switched
by Bus controlling. Controlling this
pin prevails over Bus control.
(Refer to Table 1: Bus control
function.)
When this IC is used for CRT,
frequency of horizontal output (pin
26) is controlled according to
voltage of this pin. DC voltage that
is generated by dividing resistor of
DEF VCC (pin 19) should be used
to control this pin.
At BUS control (horizontal
frequency) : output voltage value
28 k/15 kHz
: DC 9 V
31 kHz
: DC 6 V
33 kHz
: DC 3 V
37 k/45 kHz
: DC 0 V
At pin 22 control, horizontal
frequency and input voltage value
0 to 1.0 V
: 37 k/45 kHz
2.0 V to 4.0 V : 33 kHz
5.0 V to 7.0 V : 31 kHz
8.0 V to 9.0 V : 28 k/15 kHz
23
H CURVE
CORRECTION
Adjusts screen curve at high
voltage fluctuation. Input AC
component of high voltage
fluctuation.
When not used, connect 0.01-µF
capacitor between this pin and
GND.
DC
24
FBP IN
Inputs FBP for horizontal AFC.
Sets H-BLK width.
25
DEF/DAC GND
GND pin for DEF/DAC block
26
H-OUT
Horizontal output pin.
Open-collector output.
27
VP OUT
Outputs vertical pulse.
Applying current to this pin,
performs external blanking by
OR-ing with internal blanking.
Note: Changing H-position varies
VP output width. Use the
start phase only for VP
output.
VP output:
V-BLK input current: 780 µA to 1 mA
23
1 kΩ
19
25
6.5 V
24
19
25
500
20 kΩ
19
26
25
5 kΩ
19
25
27
200 Ω
32
5 V
0 V
Start phase
19
25
22
1 kΩ
30 kΩ
4.5 V
7.5 V
1.5 V
max: 9 V
H-AFC threshold
: 5.3 V
BLK threshold
: 2.3 V


Numéro de pièce similaire - TA1360ANG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA1360ANG TOSHIBA-TA1360ANG Datasheet
1Mb / 108P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Description similaire - TA1360ANG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG_05 Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com