Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD-55 Datasheet(Fiches technique) 4 Page - Astrodyne Corporation

Numéro de pièce AD-55
Description  55W Single Output with Battery Charger (USP Function)
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AD-55 Datasheet(HTML) 4 Page - Astrodyne Corporation

  AD-55 Datenblatt HTML 1Page - Astrodyne Corporation AD-55 Datenblatt HTML 2Page - Astrodyne Corporation AD-55 Datenblatt HTML 3Page - Astrodyne Corporation AD-55 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A d d - 5 5 series
55W Dual Output with Battery Charger (USP Function)
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTROdYNE.COM
Mechanical�Specification
Derating�Curve
Static�Characteristics�(A)
File�Name:ADD-55-SPEC���2005-09-13
Case�No.�901�����Unit:mm
AMBIENT�TEMPERATURE�(
)
-10
0
10
20
30
40
50
60
20
40
50
60
70
80
100
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
Pin�No.
1
4
7
3
2
5
8
6
Assignment
Assignment
Assignment
DC�OUTPUT COM
BAT.�-/COM
DC�OUTPUT +V
BAT.�+
DC/DC�OUTPUT +5V
FG
AC/N
AC/L
8
7
6
5
4
3
2
1
4.5
4.5
3.5
2-M
3
152.5
150
6.5
3-M
3
78
24
159
22
117
With�18.2CFM�min.(10cm)
NO�FAN
INPUT�VOLTAGE�(V)�60Hz
60
80
100
120
140
160
180
200
220
240
260
300
250
200
150
100
50
25
Ta=25
+5V
+13.8V
+5V
+13.8V
14
8
10
9
13
12
11
4.8
5.0
5.2
4.4
4.6
4.2
4.0
55W�Dual�Output�with�Battery�Charger(USP Function)
A D D - 5 5 series


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn