Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1310ANG Fiches technique(PDF) 60 Page - Toshiba Semiconductor

No de pièce TA1310ANG
Description  NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1310ANG Fiches technique(HTML) 60 Page - Toshiba Semiconductor

Back Button TA1310ANG Datasheet HTML 56Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 57Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 58Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 59Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 60Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 61Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 62Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 63Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 64Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 106 page
background image
TA1310ANG
2005-09-20
60
Text stage
(TEST CONDITIONS VCC = 5 V and 9 V, Ta = 25 ± 3°C)
SW MODE & SUB ADDRESS & DATA
NOTE
ITEM
S03
S04
S05
S06
S07
S08
S09
S10
S54
MEASUREMENT METHOD
T1
AC Gain
A
A
A
OFF
A
A
A
OFF
A
1)
Input signal 1 (f = 100 kHz, picture period amplitude = 0.2 Vp-p) to pin 54.
2)
Measure the picture period amplitudes of pins 13, 14, and 15. (v13, v14,
v15)
3)
GR = v13 / 0.2
GG = v14 / 0.2
GB = v15 / 0.2
T2
Frequency Characteristics
A
A
A
OFF
A
A
A
OFF
A
1)
Input signal 1 (f = 8 MHz, picture period amplitude = 0.2 Vp-p) to pin 54.
2)
Measure the picture period amplitudes of pins 13, 14, and 15. (v13
8 MHz, v14 8 MHz, and v15 8 MHz).
3)
Using the values obtained in T01 above, calculate the frequency
characteristics from the following formulas.
4)
GfR = 20 × ℓog (v13 8 MHz / v13)
GfG = 20 × ℓog (v14 8 MHz / v14)
GfB = 20 × ℓog (v15 8 MHz / v15)
T3
Unicolor Adjustment
Characteristics
A
A
A
OFF
A
A
A
OFF
A
1)
Input signal 1 (f = 100 kHz, picture period amplitude = 0.2 Vp-p) to pin 54.
2)
When the subaddress (00, unicolor) data are changed to the maximum
(3F), the center (20), and the minimum (00), measure the picture period
amplitude of pin 13.
(vu
MAX
, vu
CNT
, vu
MIN
)
3)
Calculate the maximum, minimum amplitude ratio for unicolor in decibels.
(∆vu)
T4
Brightness Adjustment
Characteristics
A
A
A
OFF
A
A
A
OFF
A
1)
Input signal 2 to pin 54 and adjust the picture period amplitude input of
pin 13 to 1 Vp-p.
2)
When the subaddress (01, brightness) data are changed to the maximum
(FF), the center (C0), and the minimum (80), measure the picture period
DC voltage of pin 13.
(Vbr
MAX
, Vbr
CNT
, Vbr
MIN
)
T5
Brightness Control
Sensitivity
A
A
A
OFF
A
A
A
OFF
A
1)
Using the values obtained in T4 above, calculate the brightness
sensitivity from the following formula.
2)
Gbr = (Vbr
MAX
− Vbr
MIN
) / 128


Numéro de pièce similaire - TA1310ANG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA1310AN TOSHIBA-TA1310AN Datasheet
3Mb / 104P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
More results

Description similaire - TA1310ANG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA1310AN TOSHIBA-TA1310AN Datasheet
3Mb / 104P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
TA1310N TOSHIBA-TA1310N Datasheet
3Mb / 100P
   NTSC VIDEO, CHROMA, DEFRECTION, AND DEC. DISTORTION COMPENSATION IC (FOR YUV INTERFACE AND ACB WITH)
TA1252AN TOSHIBA-TA1252AN Datasheet
365Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
TA1252ANG TOSHIBA-TA1252ANG Datasheet
379Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
TA1276AFG TOSHIBA-TA1276AFG Datasheet
1Mb / 83P
   PAL/NTSC Video Chroma And Deflection IC For CTV
TA1310BN TOSHIBA-TA1310BN Datasheet
1Mb / 101P
   BUILT-IN VIDEO, CHROMA, AND SYNC SIGNAL PROCESSOR AND DEFLECTION CORRECTION IC FOR NTSC COLOR TV (YUV INTERFACE SUPPORTED)
2002-12-10
logo
Mitsubishi Electric Sem...
M5141BSP MITSUBISHI-M5141BSP Datasheet
1Mb / 24P
   NTSC VIDEO CHROMA DEFLECTION
M52023SP MITSUBISHI-M52023SP Datasheet
1Mb / 14P
   NTSC VIDEO CHROMA DEFLECTION
M51414BSP MITSUBISHI-M51414BSP Datasheet
1Mb / 24P
   NTSC VIDEO CHROMA DEFLECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com