Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN3800 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FAN3800
Description  Mono / Stereo Audio Amplifier with Microphone Pre-Amplifier and EMU Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3800 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FAN3800 Datasheet HTML 1Page - Fairchild Semiconductor FAN3800 Datasheet HTML 2Page - Fairchild Semiconductor FAN3800 Datasheet HTML 3Page - Fairchild Semiconductor FAN3800 Datasheet HTML 4Page - Fairchild Semiconductor FAN3800 Datasheet HTML 5Page - Fairchild Semiconductor FAN3800 Datasheet HTML 6Page - Fairchild Semiconductor FAN3800 Datasheet HTML 7Page - Fairchild Semiconductor FAN3800 Datasheet HTML 8Page - Fairchild Semiconductor FAN3800 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3800 • Rev. 1.0.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VS
Supply Voltage
-0.3
+6.0
V
VI/O
Analog and Digital I/O
GND-0.3
VCC+0.3
V
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-40
+80
°C
TL
Lead Temperature (Soldering, 10 seconds)
+240
°C
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply Voltage
2.7
3.3
4.5
V
TA
Temperature Range
-20
27
60
°C
ZLOAD
Speaker Load Impedance
14
32
VIN D+/D-
D+,D- ,SPKLIN,SPKRIN Input Range
0
VS
V
VBIAS D+/D
D- / D+ Bias Level in Audio Mode
1.25
1.39
1.53
V
ΘJA
Package Thermal Resistance,
JEDEC Standard Multi-Layer Boards, Still Air
40
°C/W


Numéro de pièce similaire - FAN3800

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN3850A FAIRCHILD-FAN3850A Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
logo
ON Semiconductor
FAN3850A ONSEMI-FAN3850A Datasheet
582Kb / 12P
   Microphone Pre-Amplifier with Digital Output
August 2016 Rev. 1.6
logo
Fairchild Semiconductor
FAN3850AUC16X FAIRCHILD-FAN3850AUC16X Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
logo
ON Semiconductor
FAN3850AUC16X ONSEMI-FAN3850AUC16X Datasheet
582Kb / 12P
   Microphone Pre-Amplifier with Digital Output
August 2016 Rev. 1.6
logo
Fairchild Semiconductor
FAN3850AUC19X FAIRCHILD-FAN3850AUC19X Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
More results

Description similaire - FAN3800

FabricantNo de pièceFiches techniqueDescription
logo
Wolfson Microelectronic...
WM8952 WOLFSON-WM8952 Datasheet
893Kb / 72P
   Mono ADC with Microphone Pre-amplifier
logo
Texas Instruments
PCM2912PJT TI-PCM2912PJT Datasheet
712Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912 TI-PCM2912 Datasheet
813Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
logo
Asahi Kasei Microsystem...
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
logo
Elite Semiconductor Mem...
AD82587D ESMT-AD82587D Datasheet
764Kb / 45P
   2X20W Stereo / 1X40W Mono Digital Audio Amplifier
Revision: 1.6
logo
Texas Instruments
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com