Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIF-PFC Fiches technique(PDF) 6 Page - Astec America, Inc

No de pièce AIF-PFC
Description  AC-DC Converter Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTEC [Astec America, Inc]
Site Internet  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF-PFC Fiches technique(HTML) 6 Page - Astec America, Inc

Back Button AIF-PFC Datasheet HTML 2Page - Astec America, Inc AIF-PFC Datasheet HTML 3Page - Astec America, Inc AIF-PFC Datasheet HTML 4Page - Astec America, Inc AIF-PFC Datasheet HTML 5Page - Astec America, Inc AIF-PFC Datasheet HTML 6Page - Astec America, Inc AIF-PFC Datasheet HTML 7Page - Astec America, Inc AIF-PFC Datasheet HTML 8Page - Astec America, Inc AIF-PFC Datasheet HTML 9Page - Astec America, Inc AIF-PFC Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
MODEL : AIF - PFC Series
March 2006 REVISION 09
SH 6 of 31
Technical Reference Note
AIF - PFC Power Factor
Correction Series
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage
Io = 4.2A / VI > 180V
Io = 0
370
380
393
400
V
V
Maximum output power
For 85Vac
≤ VI ≤ 120Vac
For VI > 220 Vac
For 120Vac
< VI < 220Vac
1000
1600
See P.17
W
W
Efficiency
VI = 115Vac, (1000W)
VI = 230Vac, (1000W)
VI = 230Vac, (1600W)
90
92
92
92
94
95
%
%
%
Turn-On Time
VI = 115Vac
VI = 230Vac
0.5
0.5
2.5
2.5
4.0
3.5
Sec
Sec
External Output Capacitor
470
3000
µ F
GENERAL SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Calculated MTBF (Io = 2.6A ; TB =
40
°C, MIL-217FN2)
All
-
-
450K
-
Hours
Weight
All
-
-
300 (9.6)
g(oz.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
H8D3190 AC-DC Converter Module 1  Murata Manufacturing Co., Ltd.
AMEL10 10 watt encapsulated ac-dc converter 1  2  AIMTEC
BP5718A12 Insulation Type AC-DC Converter AC 100V input 12 V/1000 mA output 1  2  3  Rohm
DER-121 13.1 W AC-DC Flyback Converter Using TNY268P 1  2  3  4  5  More Power Integrations, Inc.
AIF12W300 DC-DC Converter Module 1  2  3  4  5  More Astec America, Inc
FSAB20PH60_06 Smart Power Module for Partial Switching Converter 1  2  3  4  5  More Fairchild Semiconductor
AIF25R48_03 Isolated DC/DC Converter Module 1  2  3  4  5  More Astec America, Inc
MUBW30-06A7 Converter - Brake - Inverter Module CBI2 1  2  3  4  5  More IXYS Corporation
V48B48C250B DC-DC Converter Module 1  2  3  4  5  More Vicor Corporation
CK2540-9ERD3TB1 150 Watt DC-DC and AC-DC Converters 1  2  3  4  5  More Power-One

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn