Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIF-PFC Fiches technique(PDF) 5 Page - Astec America, Inc

No de pièce AIF-PFC
Description  AC-DC Converter Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTEC [Astec America, Inc]
Site Internet  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF-PFC Fiches technique(HTML) 5 Page - Astec America, Inc

  AIF-PFC Datasheet HTML 1Page - Astec America, Inc AIF-PFC Datasheet HTML 2Page - Astec America, Inc AIF-PFC Datasheet HTML 3Page - Astec America, Inc AIF-PFC Datasheet HTML 4Page - Astec America, Inc AIF-PFC Datasheet HTML 5Page - Astec America, Inc AIF-PFC Datasheet HTML 6Page - Astec America, Inc AIF-PFC Datasheet HTML 7Page - Astec America, Inc AIF-PFC Datasheet HTML 8Page - Astec America, Inc AIF-PFC Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
MODEL : AIF - PFC Series
March 2006 REVISION 09
SH 5 of 31
Technical Reference Note
AIF - PFC Power Factor
Correction Series
INPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VI
85
264
VAC
Input Current
(VI = 115Vac, Load = 1000W)
II,max
--
10
A
Inrush Transient
(Need external inrush limiting
circuit)
-20
Apk
Power Factor
Po
≥ 500W
Po
≥ 1000W
0.96
0.98
0.97
0.99
No Load Input Power
(VI = VI,nom )
All
-
-
-
3.8
W
Total Harmonic Distortion
(IEC1000-3-2)
All
-
-
-
10
%
Note:
1)
Half cycle surge current due to input transient surge must be limited to 20A peak or less
2)
Need external inrush limiting circuit
3)
For AIF04ZPFC-01L, total input current for modules connected in parallel must not exceed 16A
4)
For AIF04ZPFC-02L, negative rail input rectifiers must be provided by external circuitry. See P.24
5)
Total harmonic distortion – input harmonics meet the requirements of IEC 1000-3-2
6)
The PFC’s LD ENABLE signal is recommended to be used to enable the load in case of initial surge load condition


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
H8D3190 AC-DC Converter Module 1  Murata Manufacturing Co., Ltd.
AMEL10 10 watt encapsulated ac-dc converter 1  2  AIMTEC
BP5718A12 Insulation Type AC-DC Converter AC 100V input 12 V/1000 mA output 1  2  3  Rohm
DER-121 13.1 W AC-DC Flyback Converter Using TNY268P 1  2  3  4  5  More Power Integrations, Inc.
AIF12W300 DC-DC Converter Module 1  2  3  4  5  More Astec America, Inc
FSAB20PH60_06 Smart Power Module for Partial Switching Converter 1  2  3  4  5  More Fairchild Semiconductor
AIF25R48_03 Isolated DC/DC Converter Module 1  2  3  4  5  More Astec America, Inc
MUBW30-06A7 Converter - Brake - Inverter Module CBI2 1  2  3  4  5  More IXYS Corporation
V48B48C250B DC-DC Converter Module 1  2  3  4  5  More Vicor Corporation
CK2540-9ERD3TB1 150 Watt DC-DC and AC-DC Converters 1  2  3  4  5  More Power-One

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn