Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIF-PFC Fiches technique(PDF) 3 Page - Astec America, Inc

No de pièce AIF-PFC
Description  AC-DC Converter Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTEC [Astec America, Inc]
Site Internet  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF-PFC Fiches technique(HTML) 3 Page - Astec America, Inc

  AIF-PFC Datasheet HTML 1Page - Astec America, Inc AIF-PFC Datasheet HTML 2Page - Astec America, Inc AIF-PFC Datasheet HTML 3Page - Astec America, Inc AIF-PFC Datasheet HTML 4Page - Astec America, Inc AIF-PFC Datasheet HTML 5Page - Astec America, Inc AIF-PFC Datasheet HTML 6Page - Astec America, Inc AIF-PFC Datasheet HTML 7Page - Astec America, Inc AIF-PFC Datasheet HTML 8Page - Astec America, Inc AIF-PFC Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
MODEL : AIF - PFC Series
March 2006 REVISION 09
SH 3 of 31
Technical Reference Note
AIF - PFC Power Factor
Correction Series
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage and temperature conditions.
Standard test condition on a single unit.
Tambient:
25
°C
L1:
115Vac, 220Vac
L
2:
return pin for L1
Enable:
Open
+Vout1:
connect to load
−Vout1:
connect to load (return)
Trim(Vadj):
connect to S GND
Output Cap:
470uF x 2
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute
stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess of
those given in the operational sections of the specs. Exposure to absolute maximum ratings for extended periods
can adversely affect device reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage:
Continuous:
Surge Voltage (1 sec)
Input Frequency
All
All
VI
VI
85
47
-
50/60
264
290
63
Vac
Vac
Hz
Operating Case Temperature
Start up Case Temperature
All
All
Tc
-20
-40
-
100
100
ºC
ºC
Storage Temperature
All
TSTG
-40
-
110
ºC
Operating Humidity
All
-
-
-
95
%
Isolation
Input to Baseplate
Output to Baseplate
Baseplate Capacitance
All
-
-
-
-
-
-
-
-
2700
2700
1300
Vdc
Vdc
PF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
H8D3190 AC-DC Converter Module 1  Murata Manufacturing Co., Ltd.
AMEL10 10 watt encapsulated ac-dc converter 1  2  AIMTEC
BP5718A12 Insulation Type AC-DC Converter AC 100V input 12 V/1000 mA output 1  2  3  Rohm
DER-121 13.1 W AC-DC Flyback Converter Using TNY268P 1  2  3  4  5  More Power Integrations, Inc.
AIF12W300 DC-DC Converter Module 1  2  3  4  5  More Astec America, Inc
FSAB20PH60_06 Smart Power Module for Partial Switching Converter 1  2  3  4  5  More Fairchild Semiconductor
AIF25R48_03 Isolated DC/DC Converter Module 1  2  3  4  5  More Astec America, Inc
MUBW30-06A7 Converter - Brake - Inverter Module CBI2 1  2  3  4  5  More IXYS Corporation
V48B48C250B DC-DC Converter Module 1  2  3  4  5  More Vicor Corporation
CK2540-9ERD3TB1 150 Watt DC-DC and AC-DC Converters 1  2  3  4  5  More Power-One

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn