Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AIF-PFC Fiches technique(PDF) 28 Page - Astec America, Inc

No de pièce AIF-PFC
Description  AC-DC Converter Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTEC [Astec America, Inc]
Site Internet  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF-PFC Fiches technique(HTML) 28 Page - Astec America, Inc

Back Button AIF-PFC Datasheet HTML 23Page - Astec America, Inc AIF-PFC Datasheet HTML 24Page - Astec America, Inc AIF-PFC Datasheet HTML 25Page - Astec America, Inc AIF-PFC Datasheet HTML 26Page - Astec America, Inc AIF-PFC Datasheet HTML 27Page - Astec America, Inc AIF-PFC Datasheet HTML 28Page - Astec America, Inc AIF-PFC Datasheet HTML 29Page - Astec America, Inc AIF-PFC Datasheet HTML 30Page - Astec America, Inc AIF-PFC Datasheet HTML 31Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
MODEL : AIF - PFC Series
March 2006 REVISION 09
SH 28 of 31
Technical Reference Note
AIF - PFC Power Factor
Correction Series
Brown Out Ride Through
Brown Out conditions occurs when there is a transient break in input current. During this period the external output bulk
capacitor holds up the voltage to the load until input current is restored. When the input voltage is restored the PFC module
will continue delivering power to the load
315V for Vadj to 76%
(390V for Vadj to 100%)
290V for Vadj to 76% 
(380V for Vadj to 100%)
280V
LOW
+O/P
-O/P
85 to 265Vac
L1
L2
9
8
1
16
+
Output to
AMPSSô
Modules or 
other load
APA
250V(Min)
INPUT VOLTAGE
OUTPUT VOLTAGE
PFW
BROWN OUT
AC INPUT
FOR BROWN OUT < 20ms
280V
LOW
LOW
250V(Min)
INPUT VOLTAGE
OUTPUT VOLTAGE
PFW
LD ENABLE
BROWN OUT
FOR BROWN OUT > 20ms
Load
Disabled
Charging of
Output Capacitor
315V for Vadj to 76%
(390V for Vadj to 100%)
290V for Vadj to 76%
(380V for Vadj to 100%)
After a Brown Out condition where the output voltage has not dropped below 250Vdc, the module will recover when input
power is restored. The PFW signal can be used to monitor input power loss.


Numéro de pièce similaire - AIF-PFC

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Energy Industr...
AIF-PFC ADVANCEDENERGY-AIF-PFC Datasheet
533Kb / 5P
   1600 Watts
logo
Emerson Network Power
AIF-PFCSERIES EMERSON-NETWORKPOWER-AIF-PFCSERIES Datasheet
144Kb / 2P
   Unity power factor
More results

Description similaire - AIF-PFC

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
H8D3190 MURATA-H8D3190 Datasheet
37Kb / 1P
   AC-DC Converter Module
logo
Delta Electronics, Inc.
PACSR24021 DELTA-PACSR24021 Datasheet
778Kb / 7P
   24V Output AC/DC Converter, Module Package
PACSR28018 DELTA-PACSR28018 Datasheet
776Kb / 7P
   28V Output AC/DC Converter, Module Package
PACSR24012 DELTA-PACSR24012 Datasheet
785Kb / 7P
   24V Output AC/DC Converter, Module Package
PACSR28010 DELTA-PACSR28010 Datasheet
830Kb / 7P
   28V Output AC/DC Converter, Module Package
PACSR48006 DELTA-PACSR48006 Datasheet
903Kb / 7P
   48V Output AC/DC Converter, Module Package
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com