Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIF-PFC Fiches technique(PDF) 1 Page - Astec America, Inc

No de pièce AIF-PFC
Description  AC-DC Converter Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTEC [Astec America, Inc]
Site Internet  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF-PFC Fiches technique(HTML) 1 Page - Astec America, Inc

  AIF-PFC Datasheet HTML 1Page - Astec America, Inc AIF-PFC Datasheet HTML 2Page - Astec America, Inc AIF-PFC Datasheet HTML 3Page - Astec America, Inc AIF-PFC Datasheet HTML 4Page - Astec America, Inc AIF-PFC Datasheet HTML 5Page - Astec America, Inc AIF-PFC Datasheet HTML 6Page - Astec America, Inc AIF-PFC Datasheet HTML 7Page - Astec America, Inc AIF-PFC Datasheet HTML 8Page - Astec America, Inc AIF-PFC Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
MODEL : AIF - PFC SERIES
March 2006 REVISION 09
SH 1 of 31
Technical Reference Note
AIF - PFC Power Factor
Correction Series
AIF - PFC 1600W AC-DC Converter Module
The PFC Power Factor Correction module is part of Astec’s family of advanced High Density modular power supply
components. Featuring high reliability and convenient control and monitoring functions, these modules are designed to
reduce product development time and enhance system performance. The PFC is designed to work over all typical line
voltages used worldwide, and provide unity power factor with very low levels of harmonic distortion in line current. The
PFC includes active start-up current control. Power Line Disturbance (PLD) circuitry copes with a wide range of input
voltage fluctuations..
Environmental Specifications
• Operating temperature: -20°C to +100°C (baseplate)
• Storage temperature: -40°C to +110°C
• Meet power line disturbance immunity specification
per IEC 61000-4-11 “ Generic Immunity Standards
against voltage dips, interruptions”
• Pb-free reflow compatible and ROHS Compliant
Electrical Parameters
Input
Input range
85 – 264 VAC
120 - 370VDC (Configurable)
Input Surge
290Vac / 1s
Efficiency
95%@ 230Vac, 1600W (Typical)
Total Harmonic 10%
Distortion
Control
Enable TTL compatible
(Positive & negative enable options)
Output
Output Voltage
Io =4.2A / Vi > 180Vac 380V typ
Io = 0
393V typ
Maximum output Power
85Vac
Vin 120Vac 1000W
120Vac < Vin < 220Vac See P. 16
Vin
220Vac
1600W
Output voltage
Adjust range
76% - 100% of nominal
output
Overvoltage Protection 430V
Special Features
• Unity Power Factor
DC input (Configurable)
High Efficiency - up to 95%
Universal input voltage and frequency range
Up to 1600W output power
Parallelable with current sharing within 10%
< 10% harmonic distortion conforming to IEC 1000-
3-2 Compliance
100°C baseplate operating temperature.
High Reliability - over 1 million hours MTBF
@ baseplate temperature 50
°C
Programmable Power Fail Warning Signal
EEPROM data storage via I
2C interface
Power Density up to 290W/in
3
Switching Frequency 125KHz
Safety
UL, cUL
60950 Recognized
TUV
EN60950 Licensed


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
H8D3190 AC-DC Converter Module 1  Murata Manufacturing Co., Ltd.
AMEL10 10 watt encapsulated ac-dc converter 1  2  AIMTEC
BP5718A12 Insulation Type AC-DC Converter AC 100V input 12 V/1000 mA output 1  2  3  Rohm
DER-121 13.1 W AC-DC Flyback Converter Using TNY268P 1  2  3  4  5  More Power Integrations, Inc.
AIF12W300 DC-DC Converter Module 1  2  3  4  5  More Astec America, Inc
FSAB20PH60_06 Smart Power Module for Partial Switching Converter 1  2  3  4  5  More Fairchild Semiconductor
AIF25R48_03 Isolated DC/DC Converter Module 1  2  3  4  5  More Astec America, Inc
MUBW30-06A7 Converter - Brake - Inverter Module CBI2 1  2  3  4  5  More IXYS Corporation
V48B48C250B DC-DC Converter Module 1  2  3  4  5  More Vicor Corporation
CK2540-9ERD3TB1 150 Watt DC-DC and AC-DC Converters 1  2  3  4  5  More Power-One

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn