Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PP600D120 Fiches technique(PDF) 6 Page - Powerex Power Semiconductors

No de pièce PP600D120
Description  POW-R-PAK 600A / 1200V Half Bridge IGBT Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWEREX [Powerex Power Semiconductors]
Site Internet  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PP600D120 Fiches technique(HTML) 6 Page - Powerex Power Semiconductors

  PP600D120 Datasheet HTML 1Page - Powerex Power Semiconductors PP600D120 Datasheet HTML 2Page - Powerex Power Semiconductors PP600D120 Datasheet HTML 3Page - Powerex Power Semiconductors PP600D120 Datasheet HTML 4Page - Powerex Power Semiconductors PP600D120 Datasheet HTML 5Page - Powerex Power Semiconductors PP600D120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TENTATIVE
PP600D120
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-PAK
TM
600A / 1200V
Half Bridge IGBT Assembly
PP600D120 (-)
- 6 -
Mechanical Drawing


Numéro de pièce similaire - PP600D120

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
PP600D060 POWEREX-PP600D060 Datasheet
362Kb / 6P
   POW-R-PAK 600A / 600V Half Bridge IGBT Assembly
More results

Description similaire - PP600D120

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
PP600D060 POWEREX-PP600D060 Datasheet
362Kb / 6P
   POW-R-PAK 600A / 600V Half Bridge IGBT Assembly
PP900D120 POWEREX-PP900D120 Datasheet
366Kb / 6P
   POW-R-PAK 900A / 1200V Half Bridge IGBT Assembly
PP225D120 POWEREX-PP225D120 Datasheet
363Kb / 6P
   POW-R-PAK 225A / 1200V Half Bridge IGBT Assembly
PP300T060 POWEREX-PP300T060 Datasheet
362Kb / 6P
   POW-R-PAK 300A / 1200V Half Bridge IGBT Assembly
PP450D120 POWEREX-PP450D120 Datasheet
366Kb / 6P
   POW-R-PAK 450A / 1200V Half Bridge IGBT Assembly
PP300D120 POWEREX-PP300D120 Datasheet
363Kb / 6P
   POW-R-PAK 300A / 1200V Half Bridge IGBT Assembly
PP75B120 POWEREX-PP75B120 Datasheet
361Kb / 6P
   POW-R-PAK 75A / 1200V H-Bridge IGBT Assembly
PP100B120 POWEREX-PP100B120 Datasheet
360Kb / 6P
   POW-R-PAK 100A / 1200V H-Bridge IGBT Assembly
PP150B120 POWEREX-PP150B120 Datasheet
361Kb / 6P
   POW-R-PAK 150A / 1200V H-Bridge IGBT Assembly
PP300B120 POWEREX-PP300B120 Datasheet
362Kb / 6P
   POW-R-PAK 300A / 1200V H-Bridge IGBT Assembly
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com