Moteur de recherche de fiches techniques de composants électroniques |
|
74ACTQ04 Fiches technique(PDF) 9 Page - Fairchild Semiconductor |
|
74ACTQ04 Fiches technique(HTML) 9 Page - Fairchild Semiconductor |
9 / 9 page ©1990 Fairchild Semiconductor Corporation www.fairchildsemi.com 74ACTQ04 Rev. 1.4 9 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx ® Across the board. Around the world.™ ActiveArray™ Bottomless™ Build it Now™ CoolFET™ CROSSVOLT™ CTL™ Current Transfer Logic™ DOME™ E 2CMOS™ EcoSPARK ® EnSigna™ FACT Quiet Series™ FACT ® FAST ® FASTr™ FPS™ FRFET ® GlobalOptoisolator™ GTO™ HiSeC™ i-Lo™ ImpliedDisconnect™ IntelliMAX™ ISOPLANAR™ MICROCOUPLER™ MicroPak™ MICROWIRE™ Motion-SPM™ MSX™ MSXPro™ OCX™ OCXPro™ OPTOLOGIC ® OPTOPLANAR ® PACMAN™ PDP-SPM™ POP™ Power220 ® Power247 ® PowerEdge™ PowerSaver™ Power-SPM™ PowerTrench ® Programmable Active Droop™ QFET ® QS™ QT Optoelectronics™ Quiet Series™ RapidConfigure™ RapidConnect™ ScalarPump™ SMART START™ SPM ® STEALTH™ SuperFET™ SuperSOT™-3 SuperSOT™-6 SuperSOT™-8 SyncFET™ TCM™ The Power Franchise ® ™ TinyBoost™ TinyBuck™ TinyLogic ® TINYOPTO™ TinyPower™ TinyWire™ TruTranslation™ µSerDes™ UHC ® UniFET™ VCX™ Wire™ DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD’S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Product Status Definition Advance Information Formative or In Design This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. Preliminary This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. No Identification Needed Full Production First Production This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. Obsolete Not In Production This datasheet contains specifications on a product that has been discontinued by Fairchild Semiconductor. The datasheet is printed for reference information only. Rev. I26 |
Numéro de pièce similaire - 74ACTQ04_07 |
|
Description similaire - 74ACTQ04_07 |