Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP541G Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TLP541G
Description  GaAs Ired & Photo-Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP541G Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TLP541G_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP541G_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP541G_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP541G_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP541G_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP541G_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP541G, TLP542G
2002-09-25
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Ta = 25°C
10
5000
nA
Off
−state current
IDRM
VAK = 400 V
RGK = 27 kΩ
Ta = 100°C
1
100
μA
Ta = 25°C
10
5000
nA
Reverse current
IRRM
VKA = 400 V
RGK = 27 kΩ
Ta = 100°C
1
100
μA
On
−state voltage
VTM
ITM = 100 mA
0.9
1.3
V
Holding current
IH
RGK = 27 kΩ
0.2
1
mA
Off
−state dv/dt
dv/dt
VAK = 280 V, RGK = 27 kΩ
5
10
V/μs
Capacitance
Cj
V = 0, f = 1 MHz
Anode to gate
Gate to cathode
20
350
pF
Coupled Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VAK = 6 V, RGK = 27 kΩ
1
4
7
mA
Turn
−on time
ton
IF = 50 mA, RGK = 27 kΩ
10
μs
Capacitance
(input to output)
CS
VS = 0, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
10
11
Isolation voltage
BVS
AC, 1 minute
2500
Vrms


Numéro de pièce similaire - TLP541G_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
   Programmable Controllers AC.Output Module Solid State Relay
More results

Description similaire - TLP541G_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP511GA TOSHIBA-TLP511GA Datasheet
209Kb / 3P
   gaas ired & photo-thyristor
TLP543J TOSHIBA-TLP543J Datasheet
120Kb / 3P
   gaas ired & photo-thyristor
logo
List of Unclassifed Man...
TLP611J ETC1-TLP611J Datasheet
91Kb / 3P
   GaAs IRED & PHOTO-THYRISTOR
logo
Toshiba Semiconductor
TLP741J TOSHIBA-TLP741J_07 Datasheet
178Kb / 6P
   GaAs IRed & Photo-Thyristor
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP747G TOSHIBA-TLP747G Datasheet
172Kb / 6P
   GaAs Ired & Photo−Thyristor
TLP747JF TOSHIBA-TLP747JF_07 Datasheet
127Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP741G TOSHIBA-TLP741G Datasheet
507Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
TLP747JF TOSHIBA-TLP747JF Datasheet
102Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
TLP747GF TOSHIBA-TLP747GF Datasheet
105Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com