Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP559 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TLP559
Description  Switching Power Supply Feedback Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP559 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TLP559_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP559_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP559_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP559_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP559_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP559_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP559_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP559
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo IC
TLP559
Digital Logic Ground Isolation
Line Receiver
Microprocessor System Interfaces
Switching Power Supply Feedback Control
Transistor Inverter
The TOSHIBA TLP559 consists of a GaAℓAs high−output light emitting
diode and a high speed detector of one chip photo diode−transistor. This
unit is 8−lead DIP package.
TLP559 has no internal base connection, and a faraday shield integrated
on the photodetector chip provides an effective common mode noise
transient immunity.
So this is suitable for application in noisy environmental condition.
Isolation voltage: 2500Vrms (min.)
Switching speed: tpHL = 0.3μs (typ.)
tpLH = 0.5μs (typ.) (RL = 1.9kΩ)
TTL compatible
UL recognized: UL1577, file No.E67349
Pin Configuration (top view)
Shield
1 : N.C.
2 : Anode
3 : Cathode
4 : N.C.
5 : Emitter
6 : Collector
7 : N.C.
8 : VCC
1
2
6
8
3
5
4
7
Schematic
2
3
VCC
8
ICC
IF
VF
GND
6
VO
IO
5
Shield
TOSHIBA
11
−10C4
Weight: 0.54g
Unit in mm


Numéro de pièce similaire - TLP559_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP559IGM TOSHIBA-TLP559IGM Datasheet
254Kb / 5P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
More results

Description similaire - TLP559_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
   Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP114A TOSHIBA-TLP114A Datasheet
159Kb / 7P
   Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor.
TLP112 TOSHIBA-TLP112 Datasheet
159Kb / 7P
   Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
logo
Fuji Electric
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
   For Switching Power Supply Control
logo
Texas Instruments
TPS5206 TI-TPS5206 Datasheet
101Kb / 7P
[Old version datasheet]   SWITCHING-POWER-SUPPLY CONTROL CIRCUIT
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
logo
List of Unclassifed Man...
FA3686 ETC-FA3686 Datasheet
389Kb / 18P
   For Switching Power Supply Control
logo
Fuji Electric
FA3635P FUJI-FA3635P Datasheet
37Kb / 5P
   For Switching Power Supply Control
FA3630V FUJI-FA3630V Datasheet
47Kb / 6P
   For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com