Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP561G Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TLP561G
Description  Triac Driver Programmable Controllers AC−Output Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP561G Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TLP561G Datasheet HTML 1Page - Toshiba Semiconductor TLP561G Datasheet HTML 2Page - Toshiba Semiconductor TLP561G Datasheet HTML 3Page - Toshiba Semiconductor TLP561G Datasheet HTML 4Page - Toshiba Semiconductor TLP561G Datasheet HTML 5Page - Toshiba Semiconductor TLP561G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP561G
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta ≥ 53°C)
ΔIF / °C
−0.7
mA / °C
Peak forward current (100μs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
−state ontput terminal voltage
VDRM
400
V
Ta = 25°C
100
On
−state RMS current
Ta = 70°C
IT(RMS)
50
mA
On
−state current derating (Ta ≥ 25°C)
ΔIT / °C
−1.1
mA / °C
Peak on
−state current (100μs pulse, 120pps)
ITP
2
A
Peak nonrepetitive surge current
(Pw = 10ms, DC = 10%)
ITSM
1.2
A
Junction temperature
Tj
115
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~100
°C
Lead soldering temperature (10s)
Tsol
260
°C
Isolation voltage (AC, 1 min., R.H. ≤ 60%)
BVS
2500
Vrms
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
120
Vac
Forward current
IF
15
20
25
mA
Peak on
−state current
ITP
1
A
Operating temperature
Topr
−25
85
°C


Numéro de pièce similaire - TLP561G

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP561G TOSHIBA-TLP561G_15 Datasheet
309Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
More results

Description similaire - TLP561G

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
   Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP570 TOSHIBA-TLP570_07 Datasheet
635Kb / 8P
   Programmable Controllers AC / DC−Input Module
TLP266J TOSHIBA-TLP266J Datasheet
408Kb / 13P
   Triac Drivers Programmable Logic Controllers (PLCs) AC-Output Modules
TLP521-1 TOSHIBA-TLP521-1_07 Datasheet
249Kb / 9P
   Programmable Controllers AC/DC−Input Module Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com