Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP719 Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TLP719
Description  Microprocessor system interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP719 Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TLP719_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP719_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP719_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP719_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP719_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP719_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP719_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP719
2007-10-01
3
Electrical Characteristics (Ta = 25 °C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 16 mA
1.65
1.85
V
Forward voltage
Temperature coefficient
ΔVF / ΔTa
IF = 16 mA
−2
mV / °C
Reverse current
IR
VR = 5 V
10
μA
Capacitance between terminals
CT
VF = 0 V , f = 1 MHz
45
pF
IOH (1)
IF = 0 mA ,VCC = VO = 5.5 V
3
500
nA
IOH (2)
IF = 0 mA ,VCC = 30 V
VO = 20 V
5
HIGH-level output current
IOH
IF = 0 mA ,VCC = 30 V
VO = 20 V,Ta = 70 °C
50
μA
HIGH-level supply current
ICCH
IF = 0 mA ,VCC = 30 V
0.01
1
μA
Supply voltage
VCC
ICC = 0.01 mA
30
V
Output voltage
VO
IO = 0.5 mA
20
V
Coupled Electrical Characteristics (Ta = 25 °C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Current transfer ratio
IO / IF
IF = 16 mA ,VCC = 4.5 V
VO = 0.4 V
20
%
LOW-level output voltage
VOL
IF = 16 mA, VCC = 4.5 V
IO = 2.4 mA
0.4
V
Isolation Characteristics (Ta = 25 °C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
V = 0 V , f = 1 MHz
(Note 6)
0.8
pF
Isolation resistance
RS
R.H. ≤ 60% ,VS = 500 V
(Note 6)
1×10
12
10
14
AC, 1 minute
5000
AC, 1 second , in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute , in oil
10000
Vdc


Numéro de pièce similaire - TLP719_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP719F TOSHIBA-TLP719F Datasheet
127Kb / 2P
   Digital logic ground isolation
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
   Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
More results

Description similaire - TLP719_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
   Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558_07 Datasheet
218Kb / 7P
   Microprocessor System Interfaces
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
Xilinx, Inc
DS583 XILINX-DS583 Datasheet
658Kb / 15P
   System ACE Microprocessor Interface
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com