Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74HC173AP Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC74HC173AP
Description  Quad D-Type Register (3-state)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC173AP Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC74HC173AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC173AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC173AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC173AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC173AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC173AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC173AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC173AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC173AP_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74HC173AP/AF
2007-10-01
5
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40
~85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (L)
tW (H)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum pulse width
(CLR)
tW (H)
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum set-up time
(G1, G2)
ts
2.0
4.5
6.0
100
20
17
125
25
21
ns
Minimum set-up time
(D)
ts
2.0
4.5
6.0
75
15
13
95
19
16
ns
Minimum hold time
(G1, G2, D)
th
2.0
4.5
6.0
0
0
0
0
0
0
ns
Minimum removal time
(CLR)
trem
2.0
4.5
6.0
5
5
5
5
5
5
ns
Clock frequency
f
2.0
4.5
6.0
9
43
51
7
34
40
ns


Numéro de pièce similaire - TC74HC173AP_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Description similaire - TC74HC173AP_07

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M54HC173 STMICROELECTRONICS-M54HC173 Datasheet
262Kb / 12P
   QUAD D-TYPE REGISTER 3-STATE
logo
NXP Semiconductors
HEF4076B PHILIPS-HEF4076B Datasheet
70Kb / 7P
   Quadruple D-type register with 3-state outputs
January 1995
74F173 PHILIPS-74F173 Datasheet
88Kb / 10P
   Quad D-type flip-flop 3-State
1990 Aug 31
logo
Renesas Technology Corp
HD74HC173 RENESAS-HD74HC173 Datasheet
113Kb / 8P
   4-bit D-type Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
   4-bit D-type Register (with 3-state Outputs)
logo
Motorola, Inc
SN54LS173A MOTOROLA-SN54LS173A Datasheet
207Kb / 6P
   4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
   FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
   FAST CMOS OCTAL D REGISTER (3-STATE)
logo
National Semiconductor ...
54LS173 NSC-54LS173 Datasheet
115Kb / 4P
   TRI-STATE 4-BIT D-TYPE REGISTER
logo
List of Unclassifed Man...
AM29LS18 ETC1-AM29LS18 Datasheet
291Kb / 6P
   QUAD D REGISTER WITH STANDARD AND THREE-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com