Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM50RSD120 Fiches technique(PDF) 3 Page - Powerex Power Semiconductors

No de pièce PM50RSD120
Description  Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWEREX [Powerex Power Semiconductors]
Site Internet  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM50RSD120 Fiches technique(HTML) 3 Page - Powerex Power Semiconductors

  PM50RSD120 Datasheet HTML 1Page - Powerex Power Semiconductors PM50RSD120 Datasheet HTML 2Page - Powerex Power Semiconductors PM50RSD120 Datasheet HTML 3Page - Powerex Power Semiconductors PM50RSD120 Datasheet HTML 4Page - Powerex Power Semiconductors PM50RSD120 Datasheet HTML 5Page - Powerex Power Semiconductors PM50RSD120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PM50RSD120
Intellimod™ Module
Three Phase + Brake IGBT Inverter Output
50 Amperes/1200 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector Cutoff Current
ICES
VCE = VCES, Tj = 25°C, VD = 15V
1.0
mA
VCE = VCES, Tj = 125°C, VD = 15V
10
mA
Diode Forward Voltage
VEC
-IC = 50A, VD = 15V, VCIN = 15V
2.5
3.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 50A,
2.4
3.2
Volts
Pulsed, Tj = 25°C
VD = 15V, VCIN = 0V, IC = 50A,
2.1
2.8
Volts
Pulsed, Tj = 125°C
Inductive Load Switching Times
ton
0.5
1.0
2.5
µS
trr
VD = 15V, VCIN = 0 ~ 15V
0.15
0.3
µS
tC(on)
VCC = 600V, IC = 50A
0.4
1.0
µS
toff
Tj = 125°C, Inductive Load
2.5
3.5
µS
tC(off)
0.7
1.2
µS
IGBT Brake Sector
Collector Cutoff Current
ICES
VCE = VCES, Tj = 25°C, VD = 15V
1.0
mA
VCE = VCES, Tj = 125°C, VD = 15V
10
mA
FWDi Forward Voltage
VFM
IF = 15A
2.5
3.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 15A,
2.5
3.3
Volts
Pulsed, Tj = 25°C
VD = 15V, VCIN = 0V, IC = 15A,
2.2
3.2
Volts
Pulsed, Tj = 125°C
Control Sector
Over Current Trip Level Inverter Part
OC
Tj = 25°C93
157
Amperes
(VD = 15V)
Tj = 125°C59—
Amperes
Over Current Trip Level Brake Part
OC
-20
°C ≤ Tj ≤ 125°C, VD = 15V
22
Amperes
Short Circuit Trip Level Inverter Part
SC
-20
°C ≤ Tj ≤ 125°C, VD = 15V
183
Amperes
Short Circuit Trip Level Brake Part
95
Amperes
Over Current Delay Time
toff(OC)
VD = 15V
10
µS
Over Temperature Protection (VD = 15V)
OT
Trip Level
111
118
125
°C
(Lower Arm)
OTR
Reset Level
100
°C
Supply Circuit Under Voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
(-20
≤ Tj ≤ 125°C)
UVR
Reset Level
12.5
Volts
Circuit Current
ID
VD = 15V, VCIN = 15V, VN1-VNC
—44
60
mA
VD = 15V, VCIN = 15V, VXP1-VXPC
—13
18
mA
Input ON Threshold Voltage
VCIN(on)
Applied between UP-VUPC, VP-VVPC,
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
VCIN(off)
WP-VWPC, UN, VN, WN, Br-VNC
1.7
2.0
2.3
Volts
Fault Output Current*
IFO(H)
VD = 15V, VCIN = 15V
0.01
mA
IFO(L)
VD = 15V, VCIN = 15V
10
15
mA
Minimum Fault Output Pulse Width*
tFO
VD = 15V
1.0
1.8
mS
*Fault output is given only when the internal OC, SC, OT and UV protections schemes of either upper or lower arm device operate to protect it.


Numéro de pièce similaire - PM50RSD120

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
PM50RSD120 MITSUBISHI-PM50RSD120 Datasheet
144Kb / 9P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Description similaire - PM50RSD120

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
PM50RVA120 POWEREX-PM50RVA120 Datasheet
86Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM50RSA120 POWEREX-PM50RSA120 Datasheet
102Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
PM150RSD120 POWEREX-PM150RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/1200 Volts)
PM15RSH120 POWEREX-PM15RSH120 Datasheet
99Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (15 Amperes/1200 Volts)
PM25RSB120 POWEREX-PM25RSB120 Datasheet
101Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RSK120 POWEREX-PM25RSK120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM75RSD120 POWEREX-PM75RSD120 Datasheet
105Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/1200 Volts)
PM10RSH120 POWEREX-PM10RSH120 Datasheet
100Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (10 Amperes/1200 Volts)
PM100RSD120 POWEREX-PM100RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/1200 Volts)
PM50CSD120 POWEREX-PM50CSD120 Datasheet
97Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (50 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com