Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP222A-2 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TLP222A-2
Description  Measurement and Control Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP222A-2 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TLP222A-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP222A-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP222A-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP222A-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP222A-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP222A-2 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP222A,TLP222A-2
2007-10-01
2
Absolute Maximum Rating (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta >= 25°C)
ΔIF/°C
−0.5
mA/°C
Peak forward current
IFP
1
A
Reverse voltage
VR
5
V
LED
Junction temperature
Tj
125
°C
Off-state output terminal voltage
VOFF
60
V
TLP222A
One
channel
operation
On-state
current
TLP222A-2
Two
channel
operations
ION
500
mA
TLP222A
One
channel
operation
Forward
current
derating
(Ta >= 25°C)
TLP222A-2
Two
channel
operations
ΔION/°C
−5.0
mA/°C
Detector
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to 125
°C
Operating temperature
Topr
−40 to 85
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 min, R.H. <= 60%)
(Note 1)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: LED pins are shorted together. Detector pins are also shorted together.
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VDD
48
V
Forward current
IF
5
7.5
25
mA
On-state current
ION
500
mA
Operating temperature
Topr
−20
65
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
LED
Capacitance
CT
V
= 0, f = 1 MHz
30
pF
Off-state current
IOFF
VOFF = 60 V
1
μA
Detector
Capacitance
COFF
V
= 0, f = 1 MHz
130
pF


Numéro de pièce similaire - TLP222A-2

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP222A-2 TOSHIBA-TLP222A-2 Datasheet
137Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP222A-2 TOSHIBA-TLP222A-2 Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
More results

Description similaire - TLP222A-2

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP592A TOSHIBA-TLP592A_07 Datasheet
182Kb / 6P
   Measurement and Control Equipment
TLP192A TOSHIBA-TLP192A_07 Datasheet
183Kb / 7P
   Measurement and Control Equipment
TLP202A TOSHIBA-TLP202A_07 Datasheet
160Kb / 4P
   Measurement and Control Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
CMZB390 TOSHIBA-CMZB390 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB68 TOSHIBA-CMZB68 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB82 TOSHIBA-CMZB82 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com