Moteur de recherche de fiches techniques de composants électroniques |
|
TC74ACT175P Fiches technique(PDF) 1 Page - Toshiba Semiconductor |
|
TC74ACT175P Fiches technique(HTML) 1 Page - Toshiba Semiconductor |
1 / 9 page TC74ACT175P/F/FN 2007-10-01 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC74ACT175P,TC74ACT175F,TC74ACT175FN Quad D-Type Flip Flop with Clear The TC74ACT175 is an advanced high speed CMOS QUAD D-TYPE FLIP FLOP fabricated with silicon gate and double-layer metal wiring C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. This device may be used as a level converter for interfacing TTL or NMOS to High Speed CMOS. The inputs are compatible with TTL, NMOS and CMOS output voltage levels. These four flip-flops are controlled by a clock input (CK) and a clear input ( CLR ). The information data applied to the D inputs (D1 thru D4) are transferred to the outputs (Q1 thru Q4 and 1 Q thru 4 Q ) on the positive-going edge of the clock pulse. Reset function is accomplished when the clear input is taken low, and all Q outputs are kept in low level regardless of other input conditions. All inputs are equipped with protection circuits against static discharge or transient excess voltage. Features • High speed: fmax = 160 MHz (typ.) at VCC = 5 V • Low power dissipation: ICC = 8 μA (max) at Ta = 25°C • Compatible with TTL outputs: VIL = 0.8 V (max) VIH = 2.0 V (min) • Symmetrical output impedance: |IOH| = IOL = 24 mA (min) Capability of driving 50 Ω transmission lines. • Balanced propagation delays: tpLH ∼− tpHL • Pin and function compatible with 74F175 Pin Assignment Note: xxxFN (JEDEC SOP) is not available in Japan. TC74ACT175P TC74ACT175F TC74ACT175FN Weight DIP16-P-300-2.54A : 1.00 g (typ.) SOP16-P-300-1.27A : 0.18 g (typ.) SOL16-P-150-1.27 : 0.13 g (typ.) |
Numéro de pièce similaire - TC74ACT175P |
|
Description similaire - TC74ACT175P |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |