Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP2530 Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TLP2530
Description  Digital Logic Isolation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2530 Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TLP2530_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP2530_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP2530_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP2530_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP2530_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP2530_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP2530_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP2530_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP2530,TLP2531
2007-10-01
4
Switching Characteristics (unless otherwise specified, Ta = 25°C, VCC = 5V, IF = 16mA)
Characteristic
Symbol
Test
Cir
cuit
Test Condition
Min.
Typ.
Max.
Unit
TLP2530
RL = 4.1kΩ
0.3
1.5
Propagation delay
time to logic low
at output
(each channel)
TLP2531
tpHL
1
RL = 1.9kΩ
0.2
0.8
μs
TLP2530
RL = 4.1kΩ
0.5
1.5
Propagation delay
time to logic
high at output
(each channel)
TLP2531
tpLH
1
RL = 1.9kΩ
0.3
0.8
μs
TLP2530
IF = 0mA, VCM = 400Vp−p
RL = 4.1kΩ
1500
Common mode
transient
immunity at logic
high level output
(each channel,
Note 9)
TLP2531
CMH
2
IF = 0mA, VCM = 400Vp−p
RL = 1.9kΩ
1500
V / μs
TLP2530
VCM = 400Vp−p
RL = 4.1kΩ, IF = 16mA
−1500
Common mode
transient
immunity at logic
low level output
(each channel,
Note 9)
TLP2531
CML
2
VCM = 400p−p
RL = 1.9kΩ, IF = 16mA
−1500
V / μs
Bandwidth
(each channel, Note 10)
BW
3
RL = 100Ω
2
MHZ
(Note 6)
DC current transfer ratio is defined as the ratio of output collector current, IO, to the forward LED
input current, IF, times 100%.
(Note 7)
Device considered a two
−terminal device: Pins 1, 2, 3 and 4 shorted together and pins 5, 6, 7, and
8 shorted together.
(Note 8)
Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
(Note 9)
Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm / dt
on the leading egde of the common mode pulse, Vcm, to assure that the output will remain in a
logic high state(i.e., VO > 2.0V).
Common mode transient immunity in logic low Level is the maximum tolerable (negative) dVcm / dt
on the trailing edge of the common mode pulse signal, Vcm, to assure that the output will remain in
logic low state(i.e., VO > 0.8V).
(Note 10) The frequency at which the ac output voltage is 3dB below the low frequency asymptote.


Numéro de pièce similaire - TLP2530_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP2530 TOSHIBA-TLP2530 Datasheet
188Kb / 8P
   TOSHIBA Photocoupler GaALAs Ired & Photo IC
More results

Description similaire - TLP2530_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP719F TOSHIBA-TLP719F Datasheet
127Kb / 2P
   Digital logic ground isolation
TLP512 TOSHIBA-TLP512_07 Datasheet
201Kb / 7P
   Digital Logic Ground Isolation
TLP750 TOSHIBA-TLP750_07 Datasheet
191Kb / 7P
   Digital Logic Ground Isolation
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
TLP651 TOSHIBA-TLP651 Datasheet
322Kb / 7P
   DIGITAL LOGIC GROUND ISOLATION LINE RECEIVER
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
   Photo−IC Digital Logic Isolation.
6N135 TOSHIBA-6N135_07 Datasheet
195Kb / 8P
   GaA?밃s Ired & Photo IC Digital Logic Isolation.
logo
ETAL Group
P520X ETAL-P520X Datasheet
139Kb / 4P
   Digital Isolation Transformer
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com