Moteur de recherche de fiches techniques de composants électroniques |
|
TC74AC166P Fiches technique(PDF) 4 Page - Toshiba Semiconductor |
|
TC74AC166P Fiches technique(HTML) 4 Page - Toshiba Semiconductor |
4 / 10 page TC74AC166P/F/FN 2007-10-01 4 System Diagram Absolute Maximum Ratings (Note 1) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7.0 V DC input voltage VIN −0.5 to VCC + 0.5 V DC output voltage VOUT −0.5 to VCC + 0.5 V Input diode current IIK ±20 mA Output diode current IOK ±50 mA DC output current IOUT ±50 mA DC VCC/ground current ICC ±100 mA Power dissipation PD 500 (DIP) (Note 2)/180 (SOP) mW Storage temperature Tstg −65 to 150 °C Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: 500 mW in the range of Ta = −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C should be applied up to 300 mW. |
Numéro de pièce similaire - TC74AC166P |
|
Description similaire - TC74AC166P |