Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74AC161F Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TC74AC161F
Description  CMOS Digital Integrated Circuit Silicon Monolithic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC161F Fiches technique(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74AC161F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC161F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC161F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC161F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC161F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC161F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC161F_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74AC161F_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74AC161F_07 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TC74AC161,163P/F/FN/FT
2007-10-01
7
Timing Requirements (input: tr = tf = 3 ns)
Ta =
25°C
Ta =
−40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V)
Limit
Limit
Unit
Minimum pulse width
(CK)
tw (L)
tw (H)
Figure 1
3.3 ± 0.3
5.0 ± 0.5
7.0
5.0
7.0
5.0
ns
Minimum pulse width
( CLR )
(Note 1)
tw (L)
Figure 4
3.3 ± 0.3
5.0 ± 0.5
7.0
5.0
7.0
5.0
ns
Minimum set-up time
( LOAD , ENP, ENT)
ts
Figure 2, Figure 3
3.3 ± 0.3
5.0 ± 0.5
11.0
7.0
13.0
7.0
ns
Minimum set-up time
(A, B, C, D)
ts
Figure 2
3.3 ± 0.3
5.0 ± 0.5
8.0
4.0
8.0
4.0
ns
Minimum set-up time
( CLR )
(Note 2)
ts
Figure 5
3.3 ± 0.3
5.0 ± 0.5
6.0
4.0
6.0
4.0
ns
Minimum hold time
th
Figure 2, Figure 3, Figure 5
3.3 ± 0.3
5.0 ± 0.5
1.0
1.0
1.0
1.0
ns
Minimum removal time
( CLR )
(Note 1)
trem
Figure 4
3.3 ± 0.3
5.0 ± 0.5
6.0
4.0
6.0
4.0
ns
Note 1: For TC74AC161 only
Note 2: For TC74AC163 only


Numéro de pièce similaire - TC74AC161F_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74AC161FN TOSHIBA-TC74AC161FN Datasheet
428Kb / 11P
   SYNCHRONOUS PRESETTABLE 4 BIT BINARY COUNTER
TC74AC161FT TOSHIBA-TC74AC161FT Datasheet
428Kb / 11P
   SYNCHRONOUS PRESETTABLE 4 BIT BINARY COUNTER
TC74AC161FT TOSHIBA-TC74AC161FT_12 Datasheet
268Kb / 14P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC161F TOSHIBA-TC74AC161F_12 Datasheet
268Kb / 14P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Description similaire - TC74AC161F_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com