Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74AC151F Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC74AC151F
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC151F Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC74AC151F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC151F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC151F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC151F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC151F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC151F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC151F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC151F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC151F_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74AC151P/F/FN
2007-10-01
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to VCC + 0.5
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±50
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±100
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta
= −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C should be
applied up to 300 mW.
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dV
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.


Numéro de pièce similaire - TC74AC151F_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74AC151FN TOSHIBA-TC74AC151FN Datasheet
272Kb / 6P
   8 CHANNEL MULTIPLEXER
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
   8-Channel Multiplexer
More results

Description similaire - TC74AC151F_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74ACT151P TOSHIBA-TC74ACT151P_07 Datasheet
316Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC7WH157FU TOSHIBA-TC7WH157FU_07 Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
TC7WH157FC TOSHIBA-TC7WH157FC Datasheet
144Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
TC74ACT153F TOSHIBA-TC74ACT153F_07 Datasheet
330Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
logo
KEC(Korea Electronics)
KIC7W53FK KEC-KIC7W53FK Datasheet
523Kb / 6P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-CHANNEL MULTIPLEXER/DEMULTIPLEXER)
logo
Toshiba Semiconductor
TC74ACT157P TOSHIBA-TC74ACT157P_07 Datasheet
292Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74AC157P TOSHIBA-TC74AC157P_07 Datasheet
273Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74AC153P TOSHIBA-TC74AC153P_07 Datasheet
333Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT257P TOSHIBA-TC74ACT257P Datasheet
297Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com