Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC9WMC2FK Fiches technique(PDF) 10 Page - Toshiba Semiconductor

No de pièce TC9WMC2FK
Description  CMOS Digital Integrated Circuits Silicon Monolithic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMC2FK Fiches technique(HTML) 10 Page - Toshiba Semiconductor

Back Button TC9WMC2FK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMC2FK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMC2FK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMC2FK Datasheet HTML 9Page - Toshiba Semiconductor TC9WMC2FK Datasheet HTML 10Page - Toshiba Semiconductor TC9WMC2FK Datasheet HTML 11Page - Toshiba Semiconductor TC9WMC2FK Datasheet HTML 12Page - Toshiba Semiconductor TC9WMC2FK Datasheet HTML 13Page - Toshiba Semiconductor TC9WMC2FK Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC9WMC1FK/FU,TC9WMC2FK/FU
2007-10-19
10
3. Notes on Use
(1)
Powering up the device
This device contains a power-on clear circuit, which initializes the internal circuit of the device
when the power is turned on. If initialization fails, the chip may malfunction. When powering up the
device, observe the following precautions to assure that the clear circuit will operate normally:
(a) Pull CS Low.
(b) The power rising time (tR) must be 10 ms or less.
(c) After turning off the power, wait at least 100 ms (tOFF) before attempting to power up the
device again.
(d) The supply voltage must rise from a voltage lower than 0.1 V.
(e) After turning on the power, wait at least 20 ms before attempting to send an instruction to the
device.
(2)
Dummy cycle
When the DI input is driven Low, the SK clock cycles preceding a start bit are called “dummy
cycles”. The device executes dummy cycles when an instruction from the CPU is longer than that for
the device. For example, if the CPU’s instruction is 16 bits long, the TC9WMC1 executes seven
dummy cycles and the TC9WMC2 executes five dummy cycles. Thus, the two instructions take the
same number of clock cycles.
(3)
Erroneous detection of a start bit
(a) If the DO output is High during the verify operation, a High on the DI input on the rising edge
of SK causes the device to detect erroneously the start of serial reception. To prevent this, the
DI input must be driven Low during the verify operation.
(b) When the DI and DO pins are configured as a 3-wire interface, data transfer from the CPU and
that from the device can collide with each other during a certain period of time and the device
cannot detect the start of serial reception correctly. To prevent this, a 10- to 100-K
Ω resistor
must be inserted between the DI and DO pins, so that the DI input from the CPU takes priority.
(See Figure 14.)
(4)
Verify operation
(a) The DI input must be driven Low during the verify operation.
(b) When the DO output is driven High, a High on the DI input on the rising edge of SK causes the
device to detect erroneously the start of serial reception and accepts an instruction. In this case,
the DO pin immediately goes to the high-impedance state.
(5)
Instruction cancellation
During an instruction execution, the instruction can be cancelled by pulling the CS pin Low.
However, care must be taken for the timing of canceling a write operation as described below.
(a) The write operation can be cancelled when the CS is pulled Low on the rising edge of SK when
the 15th bit of data is received.
(b) The write operation cannot be cancelled when the CS is pulled Low on the rising edge of SK
after the 17th bit of data is received. In this case, the write instruction writes the 16 bits of data
into the specified memory location.
Figure 13
tOFF
tR
0 V
20 ms
VCC
VCC
0.1 V max
Figure 14
CPU
SIO
DI
DO
TC9WMC1
TC9WMC2


Numéro de pièce similaire - TC9WMC2FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC9WMA1FK TOSHIBA-TC9WMA1FK Datasheet
189Kb / 12P
   TOSHIBA CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMA2FK TOSHIBA-TC9WMA2FK Datasheet
252Kb / 15P
   CMOS Digital Integrated Circuits Silicon Monolithic 2,048-Bit (256 횞 8 Bit) Serial E2PROM
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMB1AFU TOSHIBA-TC9WMB1AFU Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
More results

Description similaire - TC9WMC2FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
74VHC4066AFT TOSHIBA-74VHC4066AFT Datasheet
214Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com