Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC9WMB1AFU Fiches technique(PDF) 8 Page - Toshiba Semiconductor

No de pièce TC9WMB1AFU
Description  CMOS Digital Integrated Circuits Silicon Monolithic
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB1AFU Fiches technique(HTML) 8 Page - Toshiba Semiconductor

Back Button TC9WMB1AFU Datasheet HTML 4Page - Toshiba Semiconductor TC9WMB1AFU Datasheet HTML 5Page - Toshiba Semiconductor TC9WMB1AFU Datasheet HTML 6Page - Toshiba Semiconductor TC9WMB1AFU Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB1AFU Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB1AFU Datasheet HTML 9Page - Toshiba Semiconductor TC9WMB1AFU Datasheet HTML 10Page - Toshiba Semiconductor TC9WMB1AFU Datasheet HTML 11Page - Toshiba Semiconductor TC9WMB1AFU Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC9WMB1AFK/FU,TC9WMB2AFK/FU
2007-10-19
8
7. Notes on Use
(1)
Powering up the device
This device contains a power-on clear circuit, which initializes the internal circuit of the device
when the power is turned on. After initialization, the address counter returns to the first address 00H
and the SDA pin goes to the high-impedance state (standby state). If initialization fails, the device
may malfunction. When powering up the device, observe the following precautions to assure that the
clear circuit will operate normally:
(a) Pull SCL and SDA “high”.
(b) The power rising time (tR) must be 10 ms or less.
(c) After turning off the power, wait at least 100 ms (tOFF) before attempting to power up the
device again.
(d) The supply voltage must rise from ∼− 0 V.
(e) After turning on the power, wait at least 10 ms before attempting to send an instruction to the
device.
(2)
Pulling up the SDA and SCL pins
The device requires the SDA and SCL pins to be pulled up with an external resistor. The
recommended pull-up resistance range is 1 k
Ω to 10 kΩ.
(3)
Noise elimination time for the SDA and SCL pins
The device contains a low-pass filter for eliminating noise on the SDA and SCL pins. Its guaranteed
value corresponds to the noise suppression time Ti, given in the AC characteristics table.
(4)
Write operation
(a) The address counter is incremented when a write instruction is received successfully. It is
incremented on the falling edge of the SCL pulse where the least significant bit of data is
received.
Figure 10
tOFF
tR
0 V
10 ms
VCC
VCC
∼− 0 V
Increment
D1
D0
Figure 11 Increment Timing Diagram


Numéro de pièce similaire - TC9WMB1AFU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
More results

Description similaire - TC9WMB1AFU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
74VHC4066AFT TOSHIBA-74VHC4066AFT Datasheet
214Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com