Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7WZ246FU Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC7WZ246FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver Buffer And Buffer (Open Drain Outputs)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ246FU Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC7WZ246FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ246FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ246FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ246FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ246FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ246FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ246FU Datasheet HTML 7Page - Toshiba Semiconductor TC7WZ246FU Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC7WZ246FU/FK
2007-11-01
4
AC Characteristics (input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
± 0.15
2.0
17.0
2.0
18.5
2.5
± 0.2
1.0
7.5
1.0
8.0
3.3
± 0.3
0.8
5.2
1.2
6.0
CL = 15 pF, RL = 1 MΩ
5.0
± 0.5
0.5
4.5
0.8
5.5
3.3
± 0.3
1.5
6.7
1.5
7.0
Propagation delay time
( Buffer output)
tpLH
tpHL
CL = 50 pF, RL = 500 Ω
5.0
± 0.5
0.8
5.0
0.8
5.3
ns
Output to output skew
tosLH
tosHL
(Note 5)
3.3
± 0.3
1.0
1.0
ns
1.8
± 0.15
1.8
9.5
1.8
10.5
2.5
± 0.2
1.2
5.8
1.2
6.4
3.3
± 0.3
0.8
5.0
0.8
5.3
3-state output Disable time
( Open drain output)
tpLZ
pLZ
CL = 50 pF, RL = 500 Ω
5.0
± 0.5
0.5
4.2
0.5
4.5
ns
Input capacitance
CIN
0
7
pF
Bus input capacitance
CI / 0
5.5
8
pF
Output capacitance
COUT
5.5
9
pF
3.3
29
Power dissipation
capacitance
CPD
(Note 6)
5.5
33
pF
2.5
± 0.2
7.5
9.0
3.3
± 0.3
7.0
8.2
Minimum set-up time
Sts
(Note 7)
5.0
± 0.5
6.5
7.4
ns
Note 5 :Parameter guaranteed by desigh.
tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|
Note 6 : CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/2
Note 7 : Sts is the time which must be waited for an input signal when a bus signal direction is switched.


Numéro de pièce similaire - TC7WZ246FU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7WZ245FK TOSHIBA-TC7WZ245FK Datasheet
169Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver
TC7WZ245FU TOSHIBA-TC7WZ245FU Datasheet
169Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver
More results

Description similaire - TC7WZ246FU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC07AP TOSHIBA-TC74HC07AP_07 Datasheet
224Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Buffer (open drain)
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU_01 Datasheet
199Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7W125FK KEC-KIC7W125FK Datasheet
295Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com