Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7WH04FK Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TC7WH04FK
Description  CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH04FK Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TC7WH04FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WH04FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WH04FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WH04FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WH04FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WH04FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WH04FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7WH04FU/FK
2007-11-01
2
Logic Diagram
Truth Table
A
Y
L
H
H
L
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~7.0
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
300 (TC7WH04FU)
Power dissipation
PD
200 (TC7WH04FK)
mW
Storage temperature
Tstg
−65~150
°C
Lead temperature (10 s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0~5.5
V
Input voltage
VIN
0~5.5
V
Output voltage
VOUT
0~VCC
V
Operating temperature
Topr
−40~85
°C
0~100 (VCC = 3.3 ± 0.3 V)
Input rise and fall time
dt/dv
0~20 (VCC = 5 ± 0.5 V)
ns/V
1A
2A
3A
(1)
(3)
(6)
1
(7)
(5)
(2)
1Y
2Y
3Y


Numéro de pièce similaire - TC7WH04FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7WH04FK TOSHIBA-TC7WH04FK Datasheet
194Kb / 6P
   TRIPLE INVERTER
More results

Description similaire - TC7WH04FK

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC7WZU04FK KEC-KIC7WZU04FK Datasheet
532Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WG04FU TOSHIBA-TC7WG04FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WHU04FU TOSHIBA-TC7WHU04FU_01 Datasheet
228Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC TRIPLE INVERTER
TC7WG04FC TOSHIBA-TC7WG04FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
logo
KEC(Korea Electronics)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WH04FC TOSHIBA-TC7WH04FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH34FU TOSHIBA-TC7WH34FU_07 Datasheet
207Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
TC7WZ14FU TOSHIBA-TC7WZ14FU Datasheet
167Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WG14FC TOSHIBA-TC7WG14FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com