Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7WG17FK Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC7WG17FK
Description  CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG17FK Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC7WG17FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WG17FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WG17FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WG17FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WG17FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WG17FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WG17FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WG17FU/FK
2007-11-01
4
AC Electrical Characteristics (input tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
41.3
1.1~1.3
18.0
25.4
1.0
40.8
1.4~1.6
9.5
12.2
1.0
13.5
1.65~ 1.95
7.0
8.7
1.0
9.3
2.3~2.7
4.7
5.7
1.0
6.2
CL = 10 pF,
RL = 1 MΩ
3.0~3.6
3.7
4.5
1.0
4.7
0.9
44.4
1.1~1.3
19.3
27.7
1.0
46.9
1.4~1.6
10.2
13.1
1.0
14.7
1.65~ 1.95
7.5
9.3
1.0
9.9
2.3~2.7
5.0
5.9
1.0
6.4
CL = 15 pF,
RL = 1 MΩ
3.0~3.6
4.0
4.8
1.0
5.2
0.9
55.8
1.1~1.3
24.7
36.3
1.0
59.6
1.4~1.6
12.9
16.8
1.0
19.2
1.65~ 1.95
9.2
11.5
1.0
12.9
2.3~2.7
5.9
7.1
1.0
8.3
Propagation delay time
tpLH
tpHL
CL = 30 pF,
RL = 1 MΩ
3.0~3.6
4.9
5.7
1.0
6.6
ns
Input capacitance
CIN
3.6
3
pF
Power dissipation capacitance
CPD
(Note 12)
0.9 ~ 3.6
11
pF
Note 12: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/3


Numéro de pièce similaire - TC7WG17FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7WG17FK TOSHIBA-TC7WG17FK_09 Datasheet
184Kb / 7P
   Triple Schmitt Buffer
More results

Description similaire - TC7WG17FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7WG17FC TOSHIBA-TC7WG17FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Buffer
TC7WG14FU TOSHIBA-TC7WG14FU Datasheet
188Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WZ14FU TOSHIBA-TC7WZ14FU Datasheet
167Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WG14FC TOSHIBA-TC7WG14FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WH14FU TOSHIBA-TC7WH14FU_07 Datasheet
200Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WGU04FU TOSHIBA-TC7WGU04FU Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
TC7WGU04FC TOSHIBA-TC7WGU04FC Datasheet
175Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
TC7WZU04FU TOSHIBA-TC7WZU04FU Datasheet
220Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
logo
KEC(Korea Electronics)
KIC7WZ14FK KEC-KIC7WZ14FK Datasheet
402Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7SZ14FU KEC-KIC7SZ14FU Datasheet
526Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com