Moteur de recherche de fiches techniques de composants électroniques |
|
TPS7101QDRG4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
TPS7101QDRG4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 40 page TPS7101Q, TPS7133Q, TPS7148Q, TPS7150Q TPS7101Y, TPS7133Y, TPS7148Y, TPS7150Y LOW-DROPOUT VOLTAGE REGULATORS SLVS092G – NOVEMBER 1994 – REVISED JANUARY 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Figure 3 1200 800 400 0 25 50 75 100 DISSIPATION DERATING CURVE† vs FREE-AIR TEMPERATURE 125 150 1400 1000 600 200 PW and PWP Package R θJA = 178°C/W TA – Free-Air Temperature – °C P Package R θJA = 106°C/W D Package R θJA = 172°C/W Figure 4 2400 1600 800 0 25 50 75 100 3200 4000 DISSIPATION DERATING CURVE† vs CASE TEMPERATURE 4800 125 150 4400 3600 2800 2000 1200 400 PW Package R θJC = 31°C/W TC – Case Temperature – °C D Package R θJC = 57°C/W P Package R θJC = 46°C/W † Dissipation rating tables and figures are provided for maintenance of junction temperature at or below absolute maximum temperature of 150 °C. For guidelines on maintaining junction temperature within recommended operating range, see the Thermal Information section. recommended operating conditions MIN MAX UNIT ‡ TPS7101Q 2.5 10 Input voltage VI‡ TPS7133Q 3.77 10 V Input voltage, VI‡ TPS7148Q 5.2 10 V TPS7150Q 5.33 10 High-level input voltage at EN, VIH 2 V Low-level input voltage at EN, VIL 0.5 V Output current range, IO 0 500 mA Operating virtual junction temperature range, TJ – 40 125 °C ‡ Minimum input voltage defined in the recommended operating conditions is the maximum specified output voltage plus dropout voltage at the maximum specified load range. Since dropout voltage is a function of output current, the usable range can be extended for lighter loads. To calculate the minimum input voltage for your maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load) Because the TPS7101 is programmable, rDS(on)shouldbeusedtocalculateVDObeforeapplyingtheaboveequation.Theequationforcalculating VDO from rDS(on) is given in Note 2 in the electrical characteristics table. The minimum value of 2.5 V is the absolute lower limit for the recommended input voltage range for the TPS7101. |
Numéro de pièce similaire - TPS7101QDRG4 |
|
Description similaire - TPS7101QDRG4 |