Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS715XX Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS715XX
Description  50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS715XX Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS715XX Datasheet HTML 2Page - Texas Instruments TPS715XX Datasheet HTML 3Page - Texas Instruments TPS715XX Datasheet HTML 4Page - Texas Instruments TPS715XX Datasheet HTML 5Page - Texas Instruments TPS715XX Datasheet HTML 6Page - Texas Instruments TPS715XX Datasheet HTML 7Page - Texas Instruments TPS715XX Datasheet HTML 8Page - Texas Instruments TPS715XX Datasheet HTML 9Page - Texas Instruments TPS715XX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.ti.com
t − Time −
m
s
0
300
200
100
400 500
700
600
800 900 1000
60
40
20
0
V
=4.3V
V
=3.3V
C
=10
F
IN
OUT
OUT
m
0
400
-200
200
18
16
14
12
VIN
VOUT
VOUT = 3.3 V
RL = 66 Ω
COUT = 10 µF
8
7
6
5
4
3
2
1
0
t − Time − ms
2
0
6
4
10
8
20
t − Time −
µs
0
150
100
50
200 250
350
300
400 450 500
5.3
VOUT = 3.3 V
IOUT = 50 mA
COUT = 10 µF
4.3
100
50
0
−50
TPS715xx
SLVS338O – MAY 2001 – REVISED JUNE 2007
TYPICAL CHARACTERISTICS (continued)
POWER-UP / POWER-DOWN
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 12.
Figure 13.
Figure 14.
6
Submit Documentation Feedback


Numéro de pièce similaire - TPS715XX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS715XX TI1-TPS715XX Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
TPS715xx-Q1 TI1-TPS715xx-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
TPS715XX-Q1 TI-TPS715XX-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS715XXYYYZ TI1-TPS715XXYYYZ Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
More results

Description similaire - TPS715XX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS71501 TI-TPS71501 Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS715 TI-TPS715 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS71501-Q1 TI-TPS71501-Q1_V01 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com