Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7SP3067TU Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC7SP3067TU
Description  Low Voltage Dual Supply Single Bus Switch (analog)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SP3067TU Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC7SP3067TU Datasheet HTML 1Page - Toshiba Semiconductor TC7SP3067TU Datasheet HTML 2Page - Toshiba Semiconductor TC7SP3067TU Datasheet HTML 3Page - Toshiba Semiconductor TC7SP3067TU Datasheet HTML 4Page - Toshiba Semiconductor TC7SP3067TU Datasheet HTML 5Page - Toshiba Semiconductor TC7SP3067TU Datasheet HTML 6Page - Toshiba Semiconductor TC7SP3067TU Datasheet HTML 7Page - Toshiba Semiconductor TC7SP3067TU Datasheet HTML 8Page - Toshiba Semiconductor TC7SP3067TU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC7SP3066,3067TU
2007-10-19
5
AC Characteristics (Ta = −40 to 85°C, Input: tr = tf = 2.0 ns)
VCCA = 2.5 ± 0.2 V, VCCB = 3.3 ± 0.3 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time (bus to bus)
tpLH
tpHL
Figures 1 and 2
(Note)
0.25
3-state output enable time
tpZL
tpZH
Figures 1 and 3
7
3-state output disable time
tpLZ
tpHZ
Figures 1 and 3
7
ns
Note: Calculated from the RC time constant of the ON-resistance of the output and the capacitive load.
VCCA = 1.8 ± 0.15 V, VCCB = 3.3 ± 0.3 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time (bus to bus)
tpLH
tpHL
Figures 1 and 2
(Note)
0.25
3-state output enable time
tpZL
tpZH
Figures 1 and 3
9
3-state output disable time
tpLZ
tpHZ
Figures 1 and 3
9
ns
Note: Calculated from the RC time constant of the ON-resistance of the output and the capacitive load.
VCCA = 1.5 ± 0.1 V, VCCB = 3.3 ± 0.3 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time (bus to bus)
tpLH
tpHL
Figures 1 and 2
(Note)
0.25
3-state output enable time
tpZL
tpZH
Figures 1 and 3
12
3-state output disable time
tpLZ
tpHZ
Figures 1 and 3
12
ns
Note: Calculated from the RC time constant of the ON-resistance of the output and the capacitive load.
VCCA = 1.2 ± 0.1 V, VCCB = 3.3 ± 0.3 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time (bus to bus)
tpLH
tpHL
Figures 1 and 2
(Note)
0.25
3-state output enable time
tpZL
tpZH
Figures 1 and 3
20
3-state output disable time
tpLZ
tpHZ
Figures 1 and 3
20
ns
Note: Calculated from the RC time constant of the ON-resistance of the output and the capacitive load.


Numéro de pièce similaire - TC7SP3067TU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SP300WBG TOSHIBA-TC7SP300WBG Datasheet
247Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC7SP302WBG TOSHIBA-TC7SP302WBG Datasheet
247Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC7SP308WBG TOSHIBA-TC7SP308WBG Datasheet
246Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Description similaire - TC7SP3067TU

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NLAS325 ONSEMI-NLAS325 Datasheet
123Kb / 12P
   Dual SPST Analog Switch Low Voltage Single Supply
January, 2002 ??Rev. 2
NLAS44599DTR2G ONSEMI-NLAS44599DTR2G Datasheet
175Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
July, 2008 ??Rev. 14
NLAST9431 ONSEMI-NLAST9431 Datasheet
101Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS325 ONSEMI-NLAS325_06 Datasheet
103Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 6
NLAS325 ONSEMI-NLAS325_15 Datasheet
97Kb / 10P
   Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 7
NLAS324 ONSEMI-NLAS324_06 Datasheet
118Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 7
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAS324 ONSEMI-NLAS324_15 Datasheet
95Kb / 8P
   Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 8
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAS324 ONSEMI-NLAS324 Datasheet
111Kb / 12P
   Dual SPST Analog Switch, Low Voltage, Single Supply
January, 2003 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com