Moteur de recherche de fiches techniques de composants électroniques |
|
CDCUA877ZQLT Fiches technique(PDF) 6 Page - Texas Instruments |
|
CDCUA877ZQLT Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 16 page www.ti.com ELECTRICAL CHARACTERISTICS TIMING REQUIREMENTS CDCUA877 SCAS769A – AUGUST 2006 – REVISED JUNE 2007 over recommended operating free-air temperature range AVDD, PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VDDG VIK Input (cl inputs) II = –18 mA 1.7 V –1.2 V IOH = -100 =A 1.7 V to 1.9 V VDDQ – 0.2 VOH High-level output voltage V IOH = –9 mA 1.7 V 1.1 IOL = 100 μA 0.1 VOL Low-level output voltage V IOL = 9 mA 1.7 V 0.6 IO(DL) Low-level output current, disabled VO(DL) = 100 mV, OE = L 1.7 V 100 μA VOD Differential output voltage(1) 1.7 V 0.5 V CK, CK 1.9 V ±250 II Input current μA OE, OS, FBIN, 1.9 V ±10 FBIN IDD(L CK and CK = L 1.9 V 500 Supply current, static (IDDQ + IADD) μA D) CK and CK = 410 MHz, All outputs are open 1.9 V 225 mA (not connected to a PCB) Supply current, dynamic ( IDDQ + IADD) IDD (see (2) for CPD calculation) All outputs are loaded with 2 pF and 120- Ω termination resistor, 1.9 V 225 mA CK and CK = 410 MHz CK, CK VI = VDD or GND 1.8 V 2 3 CI Input capacitance pF FBIN, FBIN VI = VDD or GND 1.8 V 2 3 CK, CK VI = VDD or GND 1.8 V 0.25 Change in input CI(Δ) pF current FBIN, FBIN VI = VDD or GND 1.8 V 0.25 (1) VOD is the magnitude of the difference between the true and complimentary outputs. See Figure 10 for a definition. (2) Total IDD = IDDQ + IADD = fCK × CPD × VDDQ, solving for CPD = (IDDQ + IADD)/(fCK × VDDQ) where fCK is the input frequency, VDDQ is the power supply, and CPD is the power dissipation capacitance. over recommended operating free-air temperature range PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Clock frequency (operating)(1) (2) AVDD, VDD = 1.8 V ±0.1 V 125 410 MHz fCK Clock frequency (application)(1) (3) AVDD, VDD = 1.8 V ±0.1 V 160 410 MHz tDC Duty cycle, input clock AVDD, VDD = 1.8 V ±0.1 V 40% 60% tL Stabilization time(4) AVDD, VDD = 1.8 V ±0.1 V 6 μs (1) The PLL must be able to handle spread spectrum induced skew. (2) Operating clock frequency indicates a range over which the PLL must be able to lock, but in which it is not required to meet the other timing parameters (used for low speed system debug). (3) Application clock frequency indicates a range over which the PLL must meet all timing parameters. (4) Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal, within the value specified by the static phase offset t(φ), after power up. During normal operation, the stabilization time is also the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal when CK and CK go to a logic low state, enter the power-down mode, and later return to active operation. CK and CK may be left floating after they have been driven low for one complete clock cycle. 6 Submit Documentation Feedback |
Numéro de pièce similaire - CDCUA877ZQLT |
|
Description similaire - CDCUA877ZQLT |