Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC7SG00FU Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TC7SG00FU
Description  2 Input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SG00FU Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TC7SG00FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SG00FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SG00FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SG00FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SG00FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SG00FU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7SG00FU
2007-11-01
2
Truth Table
IEC Logic Symbol
A
B
Y
L
L
H
L
H
H
H
L
H
H
H
L
Operating Ranges
Characteristics
Symbol
Value
Unit
Power supply voltage
VCC
0.9~3.6
V
Input voltage
VIN
0~5.5
V
0~3.6
(Note 4)
Output voltage
VOUT
0~VCC
(Note 5)
V
±8.0
(Note 6)
±4.0
(Note 7)
±3.0
(Note 8)
±1.7
(Note 9)
±0.3
(Note 10)
Output Current
IOH/IOL
±0.02
(Note 11)
mA
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dV
0~10
(Note 12)
ns/V
Note 4: VCC = 0V
Note 5: High or Low state.
Note 6: VCC = 3.0~3.6 V
Note 7: VCC = 2.3~2.7 V
Note 8: VCC = 1.65~1.95 V
Note 9: VCC = 1.4~1.6 V
Note 10: VCC = 1.1~1.3 V
Note 11: VCC = 0.9 V
Note 12: VIN = 0.8~2.0 V, VCC = 3.0 V
IN A
IN B
&
OUT Y


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MM74HCT00_05 Quad 2 Input NAND Gate 1  2  3  4  5  More Fairchild Semiconductor
TC7SG00FE 2 Input NAND Gate 1  2  3  4  5  More Toshiba Semiconductor
HCF4012B DUAL 4 INPUT NAND GATE 1  2  3  4  5  More STMicroelectronics
MC74AC00 Quad 2−Input NAND Gate 1  2  3  4  5  More ON Semiconductor
KK74ACT10 Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS 1  2  3  4  5  KODENSHI KOREA CORP.
KK74HC132A Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS 1  2  3  4  5  KODENSHI KOREA CORP.
74AUP2G00 Low-power dual 2-input NAND gate 1  2  3  4  5  More NXP Semiconductors

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn