Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7SET125FU Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TC7SET125FU
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SET125FU Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TC7SET125FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SET125FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SET125FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SET125FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SET125FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SET125FU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7SET125F/FU
2004-06-04
2
Logic Diagram
Truth Table
G
A
Y
H
X
Z
L
L
L
L
H
H
G
IN A
OUT Y
EN
Recommended Operating Conditions
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5~5.5
V
Input voltage
VIN
0~5.5
V
Output voltage
VOUT
0~Vcc
V
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dv
0~20
ns/V
DC Electrical Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input voltage
VIH
4.5~
5.5
2.0
2.0
V
Low-level input voltage
VIL
4.5~
5.5
0.8
0.8
V
IOH = −50 µA
4.5
4.4
4.5
4.4
High-level output voltage
VOH
VIN = VIH
or VIL
IOH = −8 mA
4.5
3.94
3.80
V
IOL = 50 µA
4.5
0.0
0.10
0.10
Low-level output voltage
VOL
VIN = VIH
or VIL
IOL = 8 mA
4.5
0.36
0.44
V
3-state output off-state
current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.25
±2.5
µA
Input leakage current
IIN
VIN = 5.5 V or GND
0~
5.5
±0.1
±1.0
µA
ICC
VIN = VCC or GND
5.5
2.0
20.0
µA
Quiescent supply current
ICCT
Per Input
:VIN = 3.4 V
Other Input
:VCC or GND
5.5
1.35
1.50
mA


Numéro de pièce similaire - TC7SET125FU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SET125F TOSHIBA-TC7SET125F_09 Datasheet
170Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Description similaire - TC7SET125FU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com