Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3567 Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce 2SK3567
Description  Silicon N Channel MOS Type Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3567 Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  2SK3567 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3567 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3567 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3567 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3567 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3567 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3567
2006-11-08
3
1
0.1
1
10
10
VGS = 10 V、15V
0
0
2
4
6
8
10
2
4
Tc
= −55°C
25
100
3
1
0
12
16
20
0
ID = 3.5 A
4
8
12
16
1
1.8
8
4
0.1
1
10
0.1
1
10
25
100
Tc
= −55°C
2
1.2
0.8
0
1.6
0.4
0
1
2
3
4
VGS = 4V
4.2
4.6
4.4
4.8
5
8
15,10
5
5.5
6
DRAIN-SOURCE VOLTAGE VDS
(V)
ID – VDS
4
3
2
1
0
5
0
8
20
VGS = 4 V
4.5
5
6
15,10
5.5
16
12
4
8
COMMON SOURCE
Tc
= 25°C
PULSE TEST
DRAIN CURRENT ID (A)
RDS (ON) – ID
COMMON SOURCE
Tc
= 25°C
PULSE TEST
DRAIN CURRENT ID (A)
⎪Yfs⎪ – ID
COMMON SOURCE
VDS = 20 V
PULSE TEST
DRAIN-SOURCE VOLTAGE VDS
(V)
ID – VDS
COMMON SOURCE
Tc
= 25°C
PULSE TEST
GATE-SOURCE VOLTAGE VGS
(V)
ID – VGS
COMMON SOURCE
VDS = 10 V
PULSE TEST
GATE-SOURCE VOLTAGE VGS
(V)
VDS – VGS
COMMON SOURCE
Tc
= 25℃
PULSE TEST


Numéro de pièce similaire - 2SK3567

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3567 TOSHIBA-2SK3567 Datasheet
94Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3567 TOSHIBA-2SK3567 Datasheet
205Kb / 6P
   Switching Regulator Applications
2SK3567 TOSHIBA-2SK3567 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3567 ISC-2SK3567 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3567 TOSHIBA-2SK3567_09 Datasheet
205Kb / 6P
   Switching Regulator Applications
More results

Description similaire - 2SK3567

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3879 TOSHIBA-2SK3879 Datasheet
292Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3880 TOSHIBA-2SK3880_06 Datasheet
245Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com