Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

S-AU83AL Datasheet(Fiches technique) 2 Page - Toshiba Semiconductor

Numéro de pièce S-AU83AL
Description  RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

S-AU83AL Datasheet(HTML) 2 Page - Toshiba Semiconductor

  S-AU83AL Datenblatt HTML 1Page - Toshiba Semiconductor S-AU83AL Datasheet HTML 2Page - Toshiba Semiconductor S-AU83AL Datenblatt HTML 3Page - Toshiba Semiconductor S-AU83AL Datenblatt HTML 4Page - Toshiba Semiconductor S-AU83AL Datenblatt HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S-AU83AL
2007-06-21
2
PACKAGE OUTLINE
ELECTRICAL CHARACTERISTICS (Tc = 25°C, ZG = 50Ω)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Frequency Range
frange
400
470
MHz
Output Power
Po
32
W
Power Gain
Gp
28
dB
Total Efficiency
ηT
40
%
Input VSWR
VSWRin
3.0
Second Harmonic
2nd HRM
VDD = 12.5 V
VGG = 5 V
Pi = 50 mW
ZL = 50 Ω
-30
dB
Third Harmonic
3rd HRM
-30
dB
Ruggedness
10.5 V
≤ VDD ≤ 16.5 V, 0 V ≤ VGG ≤ VGGajs
(VGG = VGGajs @ Po = 32 W)
Pi = 50 mW
Po = 32 W (Adjusted via VGG @ ZL = 50Ω)
VSWR LOAD 20: 1 ALL PHASE (@ 2 s)
No Damage
Stability
10.5 V
≤ VDD ≤ 16.5 V, 0 V ≤ VGG ≤ VGGajs
(VGG = VGGajs @ Po = 32 W)
Pi = 50 mW
Po ≤ 32 W (Adjusted via VGG @ ZL = 50Ω)
VSWR LOAD 3: 1 ALL PHASE
No spurious output
of -60 dB or greater
Note 5:The output power is intended to follow the rating provided in Figure 1 in Note 2.
Note 6: Stability
Measurements are performed under the conditions where VSWR is at 3:1 through all phases over the whole frequency
range, and they are guaranteed only under those conditions. Even though it is guaranteed to be stable where VSWR is
at 3:1, the VSWR load over the operating frequency should be designed to be 50 Ω .At the same time, ensure that the
VSWR load does not deviate much from 50Ω even for a moment, nor deviate even a little from 50Ω continually. The
S-AU82AL is not intended for such operations, and proper operation under such conditions is not guaranteed due to the
possibilities of heat generation in the module and its applications.
RF Input
VGG
VDD
RF Output
GROUND(Flange)
JEDEC
JEITA
TOSHIBA
5-53P
Weight: 35 g
Unit: mm


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn